Electronic Components Datasheet Search
  English  ▼

X  

A6CV Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6CV
Description  Sealed Rotary DIP Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6CV Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6CV Datasheet HTML 1Page - Omron Electronics LLC A6CV Datasheet HTML 2Page - Omron Electronics LLC A6CV Datasheet HTML 3Page - Omron Electronics LLC A6CV Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
290
Sealed Rotary DIP Switch
A6C/A6CV
■ Construction
The movable contactor is moved as the rotor rotates. The terminals
are insert molded into the base. The rotor is secured by an O-ring
and the case and the cover are made of plastic resin. Therefore, the
internal mechanism is effectively sealed.
■ Output Codes
Note: “
●” indicates that the internal switch is ON.
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
■ Top Actuated, 10 Positions
■ Top Actuated, 16 Positions
■ Side Actuated, 10 Positions
■ Side Actuated, 16 Positions
10-position Models
16-position Models
Type
BCD
1-2-4-8
Type
BCD/hexadecimal
1-2-4-8
Terminal No.
1248
Terminal No.
1248
Position
Position
00
1
●
1
●
2
●
2
●
3
●●
3
●●
4
●
4
●
5
●●
5
●●
6
●●
6
●●
7
●●
●
7
●●●
8
●
8
●
9
●●
9
●●
A
●●
B
●●
●
C
●●
D
●●
●
E
●●●
F
●●●●
4
6
9
8
1
2
73
0
5
7.62
±0.4
0
9±0.2
2.54
1.4
0.5±0.1
8.5
5.08±0.1
6.6±0.2
8±0.3
4.5
3.9
0.25±0.1
A6C-10R (N)
A6
E2
9±0.2
2.54
1.4
0.5±0.1
5.08±0.1
6.6±0.2
8±0.3
4.5
3.9
7.62
±0.4
0
0
8
4
C
8.5
0.25±0.1
A6C-16R (N)
4
6
9
8
1
2
73
2.54
1.4
0.5±0.1
5.08±0.1
8.5
12.6
9.1
0.95
(7.1)
9±0.2
(7.1)
3.3
0
5
7.62
0.25±0.1
A6CV-10R
A6
E2
2.54
1.4
0.5±0.1
5.08±0.1
12.6
9.1
0.95
(7.1)
9±0.2
(7.1)
3.3
4
C
0
8
8.5
7.62
0.25±0.1
A6CV-16R
Terminal arrangement
(bottom view)
Mounting holes
(Top view)
Internal connections
(top view)
o
o
7.62±0.1
2.54±0.1
2.54±0.1
5.08±0.1
A6C/A6CV
Case
Six, 0.8 dia. (min.) holes
(0.9 dia. for automatic insertion)
(One-sided PCB, t = 1.2 to 1.6)
8
C4
1
Actuator surface (A6CV)
C2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com