Electronic Components Datasheet Search
  English  ▼

X  

A6K-162RF Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6K-162RF
Description  Miniature Rotary DIP Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6K-162RF Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6K-162RF Datasheet HTML 1Page - Omron Electronics LLC A6K-162RF Datasheet HTML 2Page - Omron Electronics LLC A6K-162RF Datasheet HTML 3Page - Omron Electronics LLC A6K-162RF Datasheet HTML 4Page - Omron Electronics LLC A6K-162RF Datasheet HTML 5Page - Omron Electronics LLC A6K-162RF Datasheet HTML 6Page - Omron Electronics LLC A6K-162RF Datasheet HTML 7Page - Omron Electronics LLC A6K-162RF Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
298
Miniature Rotary DIP Switch
A6K/A6KS
Specifications
■ Characteristics
Note: 1. Data shown are of initial value.
2. Add 0.03 g for the extended-shaft version of each model.
■Output Codes
Note: “
●” indicates that the internal switch is ON.
3 × 3 Terminal
Embossed taping Packages
Top-actuated
flat
Top-actuated
extended shaft
Quantity
per reel
Quantity
per reel
Output code
No. of
positions
BCD 1-2-4-8
10
1450
A6KS-102RF-P
850
A6KS-102RS-P
BCD Hexadecimal 1-2-4-8
16
A6KS-162RF-P
A6KS-162RS-P
5 × 2 Terminal
Embossed taping Packages
Top-actuated
flat
Top-actuated
extended shaft
Side-actuated
flat
Side-actuated
extended shaft
Quantity
per reel
Quantity
per reel
Quantity
per reel
Quantity
per reel
Output code
No. of
positions
BCD 1-2-4-8
10
1450
A6KS-104RF-P
850
A6KS-104RS-P
750
A6KSV-104RF-P
750
A6KSV-104RS-P
BCD Hexadecimal 1-2-4-8
16
A6KS-164RF-P
A6KS-164RS-P
A6KSV-164RF-P
A6KSV-164RS-P
Switching capacity
25 mA at 24 VDC
Minimum permissible load
10
μA at 3.5 VDC
Contact resistance
200 m
Ω max.
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
250 VAC for 1 min between terminals
Operating torque
200 g-cm max. (1.96
× 10−2 N·m max.)
Vibration resistance
Malfunction durability
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction durability
300 m/s2 min.
Ambient operating temperature
–30 to 80
°C at 60% max. (with no icing or condensation)
Ambient operating humidity
35% to 95% (at 5 to 35
°C)
Electrical service life
20,000 steps min.
Weight (See note 2.)
Through hole terminal
Top-actuated, flat: Approx. 0.4 g, Side-actuated, flat: Approx. 0.7 g
SMT terminal
Top-actuated, flat: Approx. 0.4 g, Side-actuated, flat: Approx. 0.4 g
10-position Models
16-position Models
Type
BCD
1-2-4-8
Type
BCD/hexadecimal
1-2-4-8
Terminal No.
1248
Terminal No.
1248
Position
Position
00
1
●
1
●
2
●
2
●
3
●●
3
●●
4
●
4
●
5
●●
5
●●
6
●●
6
●●
7
●●●
7
●●●
8
●
8
●
9
●●
9
●●
A
●●
B
●●
●
C
●●
D
●●
●
E
●●●
F
●●●●



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com