Electronic Components Datasheet Search
  English  ▼

X  

A-20GD Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A-20GD
Description  Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A-20GD Datasheet(HTML) 3 Page - Omron Electronics LLC

  A-20GD Datasheet HTML 1Page - Omron Electronics LLC A-20GD Datasheet HTML 2Page - Omron Electronics LLC A-20GD Datasheet HTML 3Page - Omron Electronics LLC A-20GD Datasheet HTML 4Page - Omron Electronics LLC A-20GD Datasheet HTML 5Page - Omron Electronics LLC A-20GD Datasheet HTML 6Page - Omron Electronics LLC A-20GD Datasheet HTML 7Page - Omron Electronics LLC A-20GD Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Snap Action Switch
A
21
Engineering Data
■ Mechanical Durability (A-20G)
■ Electrical Durability (A-20G)
■ Structure
Contact Form (SPDT)
Dimensions
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
■ Terminals
Screw Terminals (-B)
Solder Terminal (Blank)
Note: Appropriate terminal screw tightening torque: 0.78 to 1.18 N·m.
■ Mounting Holes
All switches can be mounted using M4 mounting screws with plane
washers or spring washers to securely mount the Switch. Tighten the
screws to a torque of 1.18 to 1.47 N·m.
Versions with panel mount plungers can be panel mounted via the
plunger, provided that the hexagonal nut of the actuator is tightened
to a torque of 2.94 to 4.9 N·m.
Note: Mount using either the side mounting holes or the panel mount plunger, not both. If using the side mounting holes, then remove the hexagonal nut(s)
from the panel mount plunger.
50
70
100
30
10
500
700
1,000
300
0.2
0.1
0.4
0.6
0.8
0.3
0.5
0.7
0
Overtravel (mm)
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Without load
Operating frequency:
240 operations/min
50
70
100
30
10
500
700
1,000
300
525
10
15
20
0
Switching current (A)
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Operating frequency:
20 operations/min
250 VAC, cos
φ = 0.4
250 VAC,
cos
φ = 1
125 VAC, cos
φ = 1
125 VAC,
cos
φ = 0.4
COM
NC
NO
COM
NO
NC
13
2
17.45
±0.2
49.2
9.2
20
20
Three, M4
× 5.5
Terminal screws
(with toothed washer)
COM
NO
NC
1
2
3
11.9
6.4
49.2
25.4
±0.1
17.45
±0.2
25.4
±0.1
Two, 4.2 dia. mounting
holes or M4
Panel Mount Plunger
Panel Mount Roller Plunger
12.5
dia.
+ 0.2
0
12.5
dia.
13
+ 0.2
0
+ 0.2
0
+ 0.2
0
5
Accessories (Terminal Covers, and Separators): Refer to ‘Z/A/X/DZ Common Accessories’ datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com