Electronic Components Datasheet Search
  English  ▼

X  

A6R-161RF Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6R-161RF
Description  Rotary DIP Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6R-161RF Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6R-161RF Datasheet HTML 1Page - Omron Electronics LLC A6R-161RF Datasheet HTML 2Page - Omron Electronics LLC A6R-161RF Datasheet HTML 3Page - Omron Electronics LLC A6R-161RF Datasheet HTML 4Page - Omron Electronics LLC A6R-161RF Datasheet HTML 5Page - Omron Electronics LLC A6R-161RF Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
304
Rotary DIP Switch
A6R/A6RV
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Top-actuated Flat Models with
4x1 Terminal Arrangement
Top-actuated Extended-shaft Models with
4x1 Terminal Arrangement
Top-actuated Flat Models with
3x3 Terminal Arrangement
Top-actuated Extended-shaft Models with
3x3 Terminal Arrangement
1
9.8
2.9
9.9
7.62±0.5
0.25
4.5
3.5
0.55
2.54
3.25
A6R-101RF
A6R-161RF
A6R-101RF
A6R-161RF
1
9.8
9.9
4.5
3.5
0.55
2.54
A6R-101RS
A6R-161RS
1.2
7.3
4 dia.
7.62±0.5
0.25
3.25
A6R-101RS
A6R-161RS
1
9.8
2.9
9.9
4.5
3.5
0.55
2.54
7.62±0.5
0.25
3.25
A6R-102RF
A6R-162RF
A6R-102RF
A6R-162RF
1
9.8
9.9
7.62±0.5
0.25
4.5
3.5
3.25
A6R-102RS
A6R-162RS
1.2
7.3
4 Dia.
0.55
2.54
A6R-102RS
A6R-162RS
Mounting holes
Top-actuated models
Internal connections
Top-actuated models
P=2.54±0.1
7.62±0.1
Five, 0.9±0.1 dia.
8
4
2
C
1
2.54±0.1
2.54±0.1
7.62±0.1
Six, 0.9±0.1 dia.
1
C
C
4
2
8
4x1 Terminal
3x3 Terminal
P: Pole Numbers
C
4
82
1
8C2
1C4
4x1 Terminal
3x3 Terminal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com