Electronic Components Datasheet Search
  English  ▼

X  

B3J Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3J
Description  Tactile Switch (Hinged Type)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3J Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3J Datasheet HTML 1Page - Omron Electronics LLC B3J Datasheet HTML 2Page - Omron Electronics LLC B3J Datasheet HTML 3Page - Omron Electronics LLC B3J Datasheet HTML 4Page - Omron Electronics LLC B3J Datasheet HTML 5Page - Omron Electronics LLC B3J Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
266
Tactile Switch (Hinged Type)
B3J
■ Built-in LED Performance
Note: Since the built-in LED does not contain any limiting resistors, externally connect limiting resistors within the limits shown in the above table.
Engineering Data
Item
Red
Yellow
Green
Forward voltage V
F
Standard value (V)
2.0
2.0
2.1
Forward current I
F
Standard value (mA)
20
20
20
Permissible loss P
Absolute maximum value (mW)
84
84
84
Reverse voltage V
R
Absolute maximum value (V)
5
5
5
Operating Force vs. Stroke
(Typical)
Stroke S (mm)
1.76 {180}
1.66 {170}
1.56 {160}
1.37 {140}
1.17 {120}
0.98 {100}
0.78 {80}
0.58 {60}
0.39 {40}
0.19 {20}



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com