Electronic Components Datasheet Search
  English  ▼

X  

B3M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3M
Description  Tactile Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3M Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3M Datasheet HTML 1Page - Omron Electronics LLC B3M Datasheet HTML 2Page - Omron Electronics LLC B3M Datasheet HTML 3Page - Omron Electronics LLC B3M Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tactile Switch
B3M
241
Tactile Switch
B3M
Designed for a Long Stroke and Positive
Click
• Long stroke of 0.85 mm provides radically improved
operability.
• Light touch with a minimum overstroke of 0.25 mm.
• Improved reliability with a service life of 2,000,000 operations.
• RoHS Compliant.
Ordering Information
Important Note: Switches cannot be water-washed.
Specifications
■ Characteristics
■ Operating Characteristics
Size
Switch height
Operating force (OF)
Model
6 x 6 mm type
7.3
70
± 20 gf
B3M-6009
Contact form
SPST-NO
Switching capacity
1 to 50 mA, 5 to 12 VDC (resistive load)
Contact resistance
500 m
Ω max. (rated: 1 mA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
250 VAC, 50/60 Hz for 1 min.
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Malfunction: 100 m/s2 max. (approx. 10 G max.)
Life expectancy
2,000,000 operations min.
Ambient operating temperature
-25
° to 70°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5 to 35
°C )
Weight
Approx. 0.27 g
Operating force (OF)
70
± 20 gf
Releasing force (RF min.)
20 gf min.
Pretravel (PT)
0.5 mm max.
Overtravel (OT)
0.2 mm min.


Similar Part No. - B3M

ManufacturerPart #DatasheetDescription
logo
IMO Precision Controls ...
B3M IMO-B3M Datasheet
1Mb / 5P
Pushbuttons B3
B3/07/08
More results

Similar Description - B3M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS13 CUI-TS13 Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
TACTILE SWITCH
05/10/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com