Electronic Components Datasheet Search
  English  ▼

X  

B3W Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3W
Description  Tactile Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3W Datasheet HTML 1Page - Omron Electronics LLC B3W Datasheet HTML 2Page - Omron Electronics LLC B3W Datasheet HTML 3Page - Omron Electronics LLC B3W Datasheet HTML 4Page - Omron Electronics LLC B3W Datasheet HTML 5Page - Omron Electronics LLC B3W Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
232
Tactile Switch
B3W
Specifications
■ Characteristics
■ Operating Characteristics
Engineering Data
■ Operating Force vs. Stroke (Typical Example)
■ Construction
Contact form
SPST-NO
Switching capacity
1 to 50 mA, 5 to 24 VDC (resistive load)
Contact resistance
100 m
Ω max. (rated: 1 mA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC, 50/60 Hz for 1 min.
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100 G) max.
Malfunction: 100 m/s2 (approx. 10 G) max.
Ambient operating temperature
-25
° to 70°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5 to 35
°C)
Service life
General purpose
B3W-1
@@@ :
1,000,000 operations min.
B3W-4
@@@ : 3,000,000 operations min.
High force
300,000 operations min.
1,000,000 operations min.
Weight
B3W-1
@@@ :
Approx. 0.30 g
B3W-4
@@@ : Approx. 1.00 g
Characteristics
B3W-1
@@@
B3W-4
@@@
General-purpose
High-force
General-purpose
High-force
Operating force (OF) max.
160 g
230 g
200 g
350 g
Release force (RF) min.
20 g
50 g
30 g
50 g
Pretravel (PT)
0.25 +0.2/
-0.1 mm
0.3 +0.2/
-0.1 mm
B3W-1
@@@ series
B3W-4
@@@ series
Plunger
Cover
Spacer
Contact dome
Sealed rubber
Fixed contact
Base



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com