Electronic Components Datasheet Search
  English  ▼

X  

D2JW Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2JW
Description  Sealed Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2JW Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2JW Datasheet HTML 1Page - Omron Electronics LLC D2JW Datasheet HTML 2Page - Omron Electronics LLC D2JW Datasheet HTML 3Page - Omron Electronics LLC D2JW Datasheet HTML 4Page - Omron Electronics LLC D2JW Datasheet HTML 5Page - Omron Electronics LLC D2JW Datasheet HTML 6Page - Omron Electronics LLC D2JW Datasheet HTML 7Page - Omron Electronics LLC D2JW Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
190
Sealed Snap Action Switch
D2JW
Specifications
■ Characteristics
Note: 1. Data shown are of initial value.
2. The values are for pin plunger type.
3. The dielectric strength values shown apply when using a separator (terminal type)
4. The values shown apply for malfunctions of 1 ms max.
■ Ratings
Note: The ratings apply under the following test conditions:
Ambient Temperature = 20
±2°C,
Ambient Humidity = 65
±5%,
Operating frequency = 30 operations/min.
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard refer-
ence values. This value represents the failure rate at a 60%
(λ
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
Engineering Data
■ Construction
■ Contact Form
Operating speed (see note 2)
1 mm to 250 mm/second
Operating frequency
Mechanical: 240 operations per minute max.
Electrical: 30 operations per minute max.
Contact resistance
100 m
Ω max. (Molded lead type: 140 mΩ min.)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength (See note 3)
600 VAC, 50/60 Hz for 1 minute between terminals of same polarity
1,000 VAC, 50/60 Hz for 1 minute between current-carrying metal part and ground, and between each
terminal and noncurrent-carrying metal part
Vibration resistance (See note 4)
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance (See note 4)
Destruction: 1,000 m/s2 (approx. 100G) max.
Malfunction: 200 m/s2 (approx. 20G) max.
Ambient operating temperature
-40
° to 85°C (at 60% RH) with no icing or condensation
Ambient operating humidity
35% to 98% (for 5
°C to 35°C)
Degree of protection
IEC IP67 (excluding the terminals on terminal models)
Degree of protection against
electric shock
Class I
Proof tracking index (PRTI)
175
Service life
Mechanical: 1,000,000 operations min. at 60 operations per minute
Electrical: 100,000 operations min. at 30 operations per minute
Weight
Approx. 7 g (pin plunger with molded lead wire models)
Electrical rating
0.1 A, 30 VDC (resistive load)
Item
Specification
Specification
Crossbar
Material
Gold alloy
Gap (standard value)
0.5 mm
Inrush current
0.1 A max.
Minimum applicable load
(see note)
1 mA at 5 VDC
Rubber seal
(silicone rubber)
Soldered
Epoxy resin
Cover
(polycarbonate resin)
NC
(Red*)
NO
(Blue*)
COM
(Black*)
NC
(Red)
COM
(Black)
SPDT
SPST-NC
NO
(Blue)
COM
(Black)
SPST-NO
*Indicates the color of the lead wire.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com