Electronic Components Datasheet Search
  English  ▼

X  

D2D-2000 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2D-2000
Description  Door Interlock Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2D-2000 Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2D-2000 Datasheet HTML 1Page - Omron Electronics LLC D2D-2000 Datasheet HTML 2Page - Omron Electronics LLC D2D-2000 Datasheet HTML 3Page - Omron Electronics LLC D2D-2000 Datasheet HTML 4Page - Omron Electronics LLC D2D-2000 Datasheet HTML 5Page - Omron Electronics LLC D2D-2000 Datasheet HTML 6Page - Omron Electronics LLC D2D-2000 Datasheet HTML 7Page - Omron Electronics LLC D2D-2000 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Door Interlock Switch
D2D
27
Engineering Data
■ Mechanical Service Life
■ Electrical Service Life
■ Contact Form
■ Mounting Holes
Screw mount switches may be panel mounted using M4 mounting
screws with plane washers or spring washers to securely mount the
switch. Tighten the screws to a torque of 0.49 to 0.69 N·m
Snap-fit panel mount switches use the panel cutout hole illustrated
above. When mounting on a metal surface, be sure to provide a sep-
arator between the switch and mounting plate.
■ Pull-on Lock Function
When opening or closing the door, the power ON state of the switch can be checked with the door left open. By closing the door after maintenance
inspection, the switch will resume the normal momentary action. (this feature is ideal for conducting the electrical continuity test, inspection, repair,
etc. of the switch after its assembly.)
OT (%)
100,000
70,000
50,000
30,000
10,000
7,000
5,000
3,000
1,000
0
102030
40
50
6070
8090 100
Ambient temperature: 20
±2 °C
Ambient humidity: 65
±5%
Without load
Operating frequency: 300 operations/min
Rated operating current (A)
10,000
7,000
5,000
3,000
1,000
700
500
300
100
0
123456
Operating frequency:
30 operations/min
p.f. = 1
AC250V
SPDB-NO/NC
SPDB-NO
SPDB-NC
SPDB-NO +
SPDB-NO/NC
DPDB-NO
D2D-1000
D2D-1100
D2D-2000
D2D-2100
D2D-1001
D2D-1101
D2D-1002
D2D-1102
D2D-3103
D2D-3104
Two, 4.3-dia. mounting
holes or M4 screw holes
2.2
± 0.1
Panel thickness: 1.0 to 2.5 mm
13.5
± 0.1
Note
1.3 R max.
Panel
Note:
Dimension is 36.7
±0.1 with a panel
thickness of 1.0 mm and 37.0
±0.1 with
a panel thickness of 2.5 mm
Panel Cutout Dimensions
Panel Mount Holes
Screw mount type
Panel mount type
panel
panel
Example
To turn ON the power when the
door is closed
To turn OFF the power when the
door is open
To turn ON the power with the door
left open
State
Connection NO-NO
ON
OFF
ON
NC-NC
OFF
ON
OFF
Pull



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com