Electronic Components Datasheet Search
  English  ▼

X  

D2VW Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2VW
Description  Sealed Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2VW Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2VW Datasheet HTML 1Page - Omron Electronics LLC D2VW Datasheet HTML 2Page - Omron Electronics LLC D2VW Datasheet HTML 3Page - Omron Electronics LLC D2VW Datasheet HTML 4Page - Omron Electronics LLC D2VW Datasheet HTML 5Page - Omron Electronics LLC D2VW Datasheet HTML 6Page - Omron Electronics LLC D2VW Datasheet HTML 7Page - Omron Electronics LLC D2VW Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Sealed Snap Action Switch
D2VW
207
Sealed Snap Action Switch
D2VW
Watertight Miniature Snap Action Switch
• High-quality watertight, high-precision miniature Snap
Action switch. Switch Body meets IP67 requirements
• Use of epoxy resin assures high sealing capability and is
ideal for dusty places or where water is sprayed
• V-series internal mechanism assures high precision and
long life
• General-load (5 A at 250 VAC) models and micro-load
models are available
• RoHS Compliant
Ordering Information
Note: 1. The standard lengths of the lead wires (UL1015 AWG20 for UL/CSA models, AV0.75f otherwise) of models incorporating them are 30 cm.
2. Remove “-HS” from the end of solder/quick-connect models to obtain non-UL/CSA versions. (e.g.: D2VW-01-1HS
→ D2VW-01-1)
3. Remove “S” from the end of lead wire models to obtain non-UL/CSA versions with AV0.75f wire. (e.g.: D2VW-5L3-1MS
→ D2VW-5L3-1M)
Model Number Legend
Actuator
Terminal
Model
Model 0.1 A
Model 5 A
Pin plunger
With solder and #187 tab terminals
D2VW-01-1HS
D2VW-5-1HS
With lead wires
D2VW-01-1MS
D2VW-5-1MS
Short hinge lever
With solder and #187 tab terminals
D2VW-01L1A-1HS
D2VW-5L1A-1HS
With lead wires
D2VW-01L1A-1MS
D2VW-5L1A-1MS
Hinge lever
With solder and #187 tab terminals
D2VW-01L1-1HS
D2VW-5L1-1HS
With lead wires
D2VW-01L1-1MS
D2VW-5L1-1MS
Long hinge lever
With solder and #187 tab terminals
D2VW-01L1B-1HS
D2VW-5L1B-1HS
With lead wires
D2VW-01L1B-1MS
D2VW-5L1B-1MS
Simulated roller lever
With solder and #187 tab terminals
D2VW-01L3-1HS
D2VW-5L3-1HS
With lead wires
D2VW-01L3-1MS
D2VW-5L3-1MS
Short hinge roller lever
With solder and #187 tab terminals
D2VW-01L2A-1HS
D2VW-5L2A-1HS
With lead wires
D2VW-01L2A-1MS
D2VW-5L2A-1MS
Hinge roller lever
With solder and #187 tab terminals
D2VW-01L2-1HS
D2VW-5L2-1HS
With lead wires
D2VW-01L2-1MS
D2VW-5L2-1MS
D2VW-
-
1.
Ratings
5:
5 A at 250 VAC
01: 0.1 A at 30 VDC
2.
Actuator
None:
Pin plunger
L1A:
Short hinge lever
L1:
Hinge lever
L1B:
Long hinge lever
L3:
Simulated roller lever
L2A:
Short hinge roller lever
L2:
Hinge roller lever
3.
Contact Form
1:
SPDT
2:
SPST-NC*
3:
SPST-NO*
*Lead wire versions only
4.
Terminals
None, HS: Solder terminals
(HS for UL and CSA approval.)
M, MS:
Molded lead wires
(MS for UL and CSA approval)
3 4
2
1


Similar Part No. - D2VW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2VW-01-1HS OMRON-D2VW-01-1HS Datasheet
547Kb / 8P
Sealed Snap Action Switch D2VW
D2VW-01-1MS OMRON-D2VW-01-1MS Datasheet
547Kb / 8P
Sealed Snap Action Switch D2VW
D2VW-01L1-1HS OMRON-D2VW-01L1-1HS Datasheet
547Kb / 8P
Sealed Snap Action Switch D2VW
D2VW-01L1-1MS OMRON-D2VW-01L1-1MS Datasheet
547Kb / 8P
Sealed Snap Action Switch D2VW
D2VW-01L1A-1HS OMRON-D2VW-01L1A-1HS Datasheet
547Kb / 8P
Sealed Snap Action Switch D2VW
More results

Similar Description - D2VW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
D2HW OMRON-D2HW Datasheet
801Kb / 10P
Sealed Subminiature Snap Action Switch
D2JW OMRON-D2JW Datasheet
525Kb / 8P
Sealed Snap Action Switch
D2SW OMRON-D2SW Datasheet
613Kb / 8P
Sealed Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
D2SW-3L1HS OMRON-D2SW-3L1HS Datasheet
549Kb / 8P
Sealed Snap Action Switch
D2VW01L2A1MS OMRON-D2VW01L2A1MS Datasheet
547Kb / 8P
Sealed Snap Action Switch D2VW
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com