Electronic Components Datasheet Search
  English  ▼

X  

D3C Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D3C
Description  Detection Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3C Datasheet(HTML) 1 Page - Omron Electronics LLC

  D3C Datasheet HTML 1Page - Omron Electronics LLC D3C Datasheet HTML 2Page - Omron Electronics LLC D3C Datasheet HTML 3Page - Omron Electronics LLC D3C Datasheet HTML 4Page - Omron Electronics LLC D3C Datasheet HTML 5Page - Omron Electronics LLC D3C Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Detection Switch
D3C
45
Detection Switch
D3C
Subminiature Detection Switch
• Built-in slide mechanism provides reliable contact
• Choose from shorting or non-shorting switch timing models
• PCB mount switch with 100 milliamp capacity
• Ideal for household appliances, sound equipment, office
equipment, communications equipment, etc.
• Compact size
• RoHS Compliant
Ordering Information
Model Number Legend
Specifications
■ Characteristics
Note: 1. Data shown are of initial value.
2. The electrical rating applies under the following test conditions:
Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/min.
Actuator
General Purpose
Low Operating Force
Non-shorting Model
Shorting Model
Non-shorting Model
Shorting Model
Pivoting Hinge lever
D3C-1210
D3C-2210
D3C-1220
D3C-2220
D3C-
2
0
1.
Switching Timing
1:
Non-shorting
(Break-before-make)
2:
Shorting
(Make-before-break)
2.
Maximum Oprating Force
1:
130 gf
2:
40 gf
2
1
Electrical rating
100 mA, 30 VDC (resistive load)
Operating speed
1 to 500 mm/s
Operating frequency
Mechanical: 200 operations per minute, max.
Electrical: 30 operations per minute, max.
Contact resistance
50 m
Ω max.
Insulation resistance
100 M
Ω min. at 250 VDC
Dielectric strength
250 VAC, 50/60 Hz for 1 minute between terminals of same polarity
250 VAC, 50/60 Hz for 1 minute between current-carrying metal parts and ground
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx 100G) max.
Malfunction: 300 m/s2 (approx. 30G) max.
Degree of protection
IEC IP00
Degree of protection against electric shock
Class III
Proof tracking index (PTI)
175
Ambient operating temperature
-20
° to 80°C (at 60% RH max) with no icing
Ambient operating humidity
85% max. (for 5
° to 35°C)
Service life
50,000 operations min. at 30 operations per minute
Weight
Approx. 0.3 g


Similar Part No. - D3C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3C OMRON-D3C Datasheet
362Kb / 4P
Detection Switch
D3C-1210 OMRON-D3C-1210 Datasheet
362Kb / 4P
Detection Switch
D3C-1220 OMRON-D3C-1220 Datasheet
362Kb / 4P
Detection Switch
D3C-2210 OMRON-D3C-2210 Datasheet
362Kb / 4P
Detection Switch
D3C-2220 OMRON-D3C-2220 Datasheet
362Kb / 4P
Detection Switch
More results

Similar Description - D3C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
List of Unclassifed Man...
FT629 ETC1-FT629 Datasheet
99Kb / 2P
Switch Detection Chip
logo
Freescale Semiconductor...
33993 FREESCALE-33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
logo
Omron Electronics LLC
D2X OMRON-D2X Datasheet
355Kb / 6P
Detection Switch
D3SH OMRON-D3SH Datasheet
1Mb / 8P
Surface Mount Detection Switch
D3SK OMRON-D3SK Datasheet
820Kb / 6P
Surface Mount Detection Switch
D3C OMRON-D3C_10 Datasheet
362Kb / 4P
Detection Switch
D3SH OMRON-D3SH_10 Datasheet
1Mb / 8P
Surface Mount Detection Switch
D2A OMRON-D2A Datasheet
477Kb / 3P
Ultra Subminiature Detection Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com