Electronic Components Datasheet Search
  English  ▼

X  

PAC207BCA Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAC207BCA
Description  SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC207BCA Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAC207BCA Datasheet HTML 3Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 4Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 5Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 6Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 7Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 8Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 9Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 10Page - Pixart Imaging Inc. PAC207BCA Datasheet HTML 11Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PixArt Imaging Inc.
PAC207BCA
Single-Chip CIF CMOS Image sensor with USB
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
8
PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw
V1.3, June. 2004
6. DC and AC CHARACTERISITCS
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VDDM
DC supply voltage
-0.5
5.5
V
Vin
DC input voltage
0.5
3.8
V
Vout
DC output voltage
-0.5
3.8
V
Tstg
Storage temperature
0
70
℃
DC Electrical Characteristics (VDD=3.3V±5%, Ta=0°C~40°C )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type :PWR
VDDM
Main power from USB cable
4.5
5.0
5.5
V
IDD
Operating Current
20
25
30
mA
Type :IN & I/O Reset and SYSCLK
VIH
Input voltage HIGH
2.0
VDDQ
V
VIL
Input voltage LOW
0
0.8
V
Cin
Input capacitor
10
pF
Ilkg
Input leakage current
1.0
uA
Type : OUT & I/O for PXD0:9, PXCLK, H/VSYNC & SDA, load 10pf, 1.2kΩ, 3.3volts
VOH
Output voltage HIGH
Vddq-0.2
V
VOL
Output voltage LOW
0.2
V
AC Operating Condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
Fsysclk
Master clock frequency
6
12
24
MHz
Fpxclk
Pixel clock rate
3
4
MHz
Sensor Characteristics (Light source: 3200K halogen lamp; 8bit resolutions)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Photo response non-uniformity
PRNU
1.87
%
Saturation output voltage
Vsat.
235
Level
Dark output voltage
Vdark
2.15
Level/sec
Dark signal non-uniformity
DSNU
0.56
Level
Sensitivity ( Red channel )
R
240
Level/Lux-sec
Sensitivity ( Green channel )
G
190
Level/Lux-sec
Sensitivity ( Blue channel )
B
150
Level/Lux-sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com