Electronic Components Datasheet Search
  English  ▼

X  

PAC407BCA Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAC407BCA
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC407BCA Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAC407BCA Datasheet HTML 7Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 8Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 9Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 10Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 11Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 12Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 13Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 14Page - Pixart Imaging Inc. PAC407BCA Datasheet HTML 15Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
PAC407BCA/PAC407BCW
CMOS Image Sensor IC
Version 1.7, 13 Sep
2004
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
11
5.
2TM
IC
Bus
PAC407 supports 2TM
IC
bus transfer protocol and acts as slave device. The 7 bits unique slave address
is 1000000 and the bus supports receiving / transmitting speed up to 400kHz.
5.1.
2TM
IC
Bus Overview
There are only two lines SDA (serial data) and SCL (serial clock) carry information between the
devices which are connected by 2TM
IC
bus. Normally both SDA and SCL lines are open collector
structure and pulled high by external pull-up resistors.
Only the master can initiate a transfer (start), generate clock signals, and terminate a transfer (stop).
Start Condition :
A high to low transition of the SDA line while SCL is high defines a start condition.
Stop Condition :
A low to high transition of the SDA line while SCL is high defines a stop condition.
Valid Data:
The data on the SDA line must be stable during the high period of the SCL clock. Within each byte,
MSB is always transferred first. Read/write control bit is the LSB of the first byte.
Both the master and slave can transmit and receive data from the bus.
Acknowledge :
The receiving device should pull down the SDA line during high period of the SCL clock line when a
byte was transferred completely by transmitter. When in the case of that a master received data from a
slave, the master does not generate an acknowledgment on the last byte to indicate the end of a master
read cycle.
Figure 5-1: Start and Stop Conditions
Figure 5-2: Valid Data
DATA
STABLE
DATA
CHANGE
ALLOWED
SDA
SCL
S
Start
Condition
SDA
SCL
P
Stop
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com