Electronic Components Datasheet Search
  English  ▼

X  

DI1010S Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # DI1010S
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

DI1010S Datasheet(HTML) 1 Page - Compact Technology Corp.

  DI1010S Datasheet HTML 1Page - Compact Technology Corp. DI1010S Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DI100S thru DI1010S
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique
The plastic material has UL flammability classification
94V-0
In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Polarity : As marked on Body
Weight : 0.02 ounces, 0.3 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SDIP
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Amperes
Compact Technology
PARAMETER
SYMBOL
DI
100S
DI
101S
DI
102S
DI
104S
DI
106S
DI
108S
DI
1010S
UNIT
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS bridge input voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
@TA=40℃
IF
A
I
2t Rating for fuisng (t< 8.3mS)
I
2tA2sec
Peak forward surge current, single sine-wave
superim posed on rated load (JEDEC method)
IFSM
A
Maximum instantaneous Forward Voltage
Drop per element at 1.0A DC
VF
V
Maximum DC Reverse Current @TA=25℃
at Rated DC Blocking Voltage @TA=100℃
IR
uA
Typical junction capacitance per leg(note1 )
CJ
pF
Typical Thermal Resistance Per leg (note2)
RθJA
RθJC
℃/W
Operating & StorageTemperature Range
TJ&TSTG
℃
40
15
-55 to +150
25
note2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B
with 0.5x0.5" (13x13mm) copper pads.
note1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts
30
1.1
5.0
500
1.0
3.735
1 of 2
DI100S thru DI1010S
A
C
D
E
F
G
H
B
J
I
All Dimensions in millimeter
SDIP
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
J
I
8.
05
6.20
7.40
2.
20
5.00
0
.89
1.14
.220
.076
1.02
8.5
1
6.50
9.40
10.4
7.90
2.
50
5.20
.330
1.53
.
250


Similar Part No. - DI1010S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DI1010S FORMOSA-DI1010S Datasheet
70Kb / 2P
Surface Mount Bridge Rectifier - Glass passivated type
logo
Pan Jit International I...
DI1010S PANJIT-DI1010S Datasheet
98Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI1010S PANJIT-DI1010S Datasheet
93Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Compact Technology Corp...
DI1010S CTC-DI1010S Datasheet
225Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
DI1010S ZSELEC-DI1010S Datasheet
115Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DI1010S

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com