Electronic Components Datasheet Search
  English  ▼

X  

KBP201 Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # KBP201
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

KBP201 Datasheet(HTML) 1 Page - Compact Technology Corp.

  KBP201 Datasheet HTML 1Page - Compact Technology Corp. KBP201 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBP201 thru KBP207
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique
The plastic material has UL flammability classification
94V-0
In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Polarity : As marked on Body
Weight : 0.06 ounces, 1.7 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
KBP
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 2.0 Amperes
Compact Technology
.
147(3.65)
.
132(3.35)
.0
34(0.86)
.0
30(0.76)
.
161(4.1)
.1
42(3.6)
.500
(1
2.7)
1.20
0.90
MIN.
SPACING
o
0.1
18x45
(3.
0)
0.600(15.24)
0.56
4(14.32)
0.460(11.68)
0.420(10.67)
0.500(12.70)
0.460(11.68)
+
_
AC
.600(15.24) MIN
PARAMETER
SYMBOL
KBP
201
KBP
202
KBP
203
KBP
204
KBP
205
KBP
206
KBP
207
UNIT
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS bridge input voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
@TA=50℃
IF
A
I
2t Rating for fuisng (t< 8.3mS)
I
2tA2sec
Peak forward surge current, single sine-wave
superim posed on rated load (JEDEC method)
IFSM
A
Maximum instantaneous Forward Voltage
Drop per element at 3.14A DC
VF
V
Maximum DC Reverse Current @TA=25℃
at Rated DC Blocking Voltage @TA=100℃
IR
uA
Typical junction capacitance per leg(note1 )
CJ
pF
Typical Thermal Resistance Per leg (note2)
RθJA
RθJC
℃/W
Operating & StorageTemperature Range
TJ&TSTG
℃
30
11
-55 to +150
25
note2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B
with 0.47x0.47" (12x12mm) copper pads.
note1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts
60
1.1
5.0
500
2.0
15
CTC0015 Ver. 2.0
1 of 2
KBP201 thru KBP207


Similar Part No. - KBP201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP201 WTE-KBP201 Datasheet
37Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBP201 JGD-KBP201 Datasheet
118Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
KBP201 EIC-KBP201 Datasheet
18Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Leshan Radio Company
KBP201 LRC-KBP201 Datasheet
53Kb / 2P
2.0A BRIDGE RECTIFIERS
logo
Comchip Technology
KBP201 COMCHIP-KBP201 Datasheet
138Kb / 3P
Silicon Bridge Rectifiers
More results

Similar Description - KBP201

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com