Electronic Components Datasheet Search
  English  ▼

X  

MBR20100FCT Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # MBR20100FCT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

MBR20100FCT Datasheet(HTML) 1 Page - Compact Technology Corp.

  MBR20100FCT Datasheet HTML 1Page - Compact Technology Corp. MBR20100FCT Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR2020FCT thru MBR20200FCT
FEATURES
Metal-Semiconductor junction with guard ring
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
Case : ITO-220AB molded plastic
Polarity : Color band denotes cathode
Weight : 1.689 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE - 20 to
200 Volts
FORWARD CURRENT -
20.0 Amperes
ITO-220AB
Epitaxial construction
Compact Technology
CTC-MBR-F-000
2
1 of 2
MBR
2020FCT thru MBR20200FCT
0.029(0.75)
0.019(0.5)
0.105(2.67)
0.094(2.41)
0.559(14.22)
0.519(13.2)
0.171(4.35)
0.137(3.5)
0.049(1.26)
0.404(10.27)
0.382(9.72)
0.61(15.5)
0.57(14.5)
0.187(4.77)
0.171(4.36)
0.349(8.89)
0.329(8.38)
0.026(0.68)
0.014(0.38)
0.110(2.80)
0.1(2.54)
0.125(3.2)
0.1(2.54)
0.066(1.7)
0.133(3.39)
0.121(3.08)
Dimensions in inches and (millimeters)


Similar Part No. - MBR20100FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20100FCT MCC-MBR20100FCT Datasheet
1Mb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Sirectifier Global Corp...
MBR20100FCT SIRECT-MBR20100FCT Datasheet
180Kb / 2P
Power Schottky Rectifier - 20Amp 100Volt
logo
Pan Jit International I...
MBR20100FCT PANJIT-MBR20100FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR20100FCT MCC-MBR20100FCT Datasheet
176Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Sirectifier Global Corp...
MBR20100FCT SIRECT-MBR20100FCT Datasheet
146Kb / 4P
Power Schottky Rectifier - 20Amp 100Volt
More results

Similar Description - MBR20100FCT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com