Electronic Components Datasheet Search
  English  ▼

X  

PAC7301LT Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAC7301LT
Description  PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7301LT Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAC7301LT Datasheet HTML 3Page - Pixart Imaging Inc. PAC7301LT Datasheet HTML 4Page - Pixart Imaging Inc. PAC7301LT Datasheet HTML 5Page - Pixart Imaging Inc. PAC7301LT Datasheet HTML 6Page - Pixart Imaging Inc. PAC7301LT Datasheet HTML 7Page - Pixart Imaging Inc. PAC7301LT Datasheet HTML 8Page - Pixart Imaging Inc. PAC7301LT Datasheet HTML 9Page - Pixart Imaging Inc. PAC7301LT Datasheet HTML 10Page - Pixart Imaging Inc. PAC7301LT Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
PixArt Imaging Inc.
PAC7301/PAC7302
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
7
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.4 Nov 2007
6. Specifications
Absolute Maximum Ratings
Exceeding the Absolute Maximum Ratings shown below invalidates all AC and DC electrical specifications and may result
in permanent device damage.
Symbol
Parameter
Min
Max
Unit
Notes
TSTG
Ambient storage temperature
-25
125
°C
VDD
DC supply voltage
-0.5
5.5
V
VIN
DC input voltage
0.5
3.8
V
VOUT
DC output voltage
-0.5
3.8
V
ESD
ESD Rating, Human Body model
2
kV
Recommend Operating Condition
Symbol
Parameter
Min
Typ.
Max
Unit
Notes
Operation
-10
-
70
°C
TA
Temperature
Range
Stable Image
0
-
50
°C
VDD
Power supply voltage
4.5
5.0
5.5
V
FCLK
System clock frequency
-
12.0
-
MHz
DC Electrical Characteristics (Typical values at 25°C, VDD =5.0V, FCLK=12.0MHz)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Type: PWR
IDD
Operating Current
-
35
-
mA
@30 frame/sec
IDD
Suspend Current
-
-
500
uA
Type: IN & I/O, Reset
VIH
Input voltage HIGH
2
-
VDDQ
V
VIL
Input voltage LOW
0
-
0.8
V
CIN
Input capacitor
-
-
10
pF
ILKG
Input leakage current
-
-
1.0
uA
Type: OUT & I/O
VOH
Output voltage HIGH
Vddq-0.2
-
-
V
CL= 10pf, RL=1.2kΩ
VOL
Output voltage LOW
-
-
0.2
V
CL= 10pf, RL=1.2kΩ
Sensor Characteristics (Light source: 3200K halogen lamp; 8bit resolutions)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
PRNU
Photo response non-uniformity
-
1.2
-
%
VSAT
Saturation output voltage
-
1
-
V
VDARK
Dark output voltage
-
1.08m
-
V/sec
DSNU
Dark signal non-uniformity
-
0.001
-
V
R
Sensitivity (Red channel)
-
1.19
-
V/((uw/cm2)*sec)
G
Sensitivity (Green channel)
-
1.2
-
V/((uw/cm2)*sec)
B
Sensitivity (Blue channel)
-
0.85
-
V/((uw/cm2)*sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com