Electronic Components Datasheet Search
  English  ▼

X  

PAC7312 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAC7312
Description  VGA PC Camera Single-Chip with Audio
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7312 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAC7312 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 13Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PixArt Imaging Inc.
PAC7312
VGA PC Camera Single-Chip with Audio
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
9
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.5 Oct. 2005
5.3CSPPinAssignment
GPO/TR0
LED
EPR_EN
IOTRAP#
KEY#
NC
VSSQ
VDDD
PWR_5V
VDDQ
VDDP
VDDAD
VDDAV
VSSA
PWR_5V
VCM
VRB
PWR_5V
VSSA
VDDAV
MIC
VDDP
VDDQ
VRB
VCM
PWR_5V
VDDD
VSSQ
NC
KEY#
IOTRAP#
EPR_EN
GPO/TR0
LED
Sensor Area
NNN
NNN
Step Size:5061 × 5551 um
Die Size:4841 × 5331 um
Ball Pitch:650 um
Ball Diameter:300 um
Scribe Line:360 um
Pad Extension Formation
Leads & BGA Formation
Top view (Bumps down)
Buttom view (Bumps up)
VDDAD
MIC
Package Size:4966 × 5456 um
Marking Code:NNNNNN - Datecode
5.4RecommendPCBLayout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com