Electronic Components Datasheet Search
  English  ▼

X  

PAC7312CS Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAC7312CS
Description  VGA PC Camera Single-Chip with Audio
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7312CS Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAC7312CS Datasheet HTML 5Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 6Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 7Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 8Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 9Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 10Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 11Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 12Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 13Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PixArt Imaging Inc.
PAC7312
VGA PC Camera Single-Chip with Audio
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
10
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.5 Oct. 2005
5.5CSPPackageDimensionsandBallMatrixTable
1
2
3
4
5
6
A VSSAY(PIN 13)
EPR_DI/TR(PIN 12) EPR _CS/TR2
(PIN 10) VSSQ(PIN 8) VDDAY(PIN 6) VRT(PIN 4)
B LED(PIN 15)
GPO/TR0(PIN 14)
VDDQ(PIN 9)
EPR _D0(PIN 7) VCM(PIN 3)
VRB(PIN 2)
C VSSQ/EPR_EN(PIN 16)
EPR _CK/TR3(PIN 11) VDDA(PIN 5)
MIC(PIN 1)
PWR_5V(PIN 37)
D IOTRAP# (PIN 17)
KEY# (PIN 18)
VDDAV(PIN 35) VSSA(PIN 36)
E NC(PIN 19)
VSSQ(PIN 20)
VDDP(PIN 33)
VDDAD(PIN 34)
F VDDD(PIN 21)
PWR_5V(PIN 22)
RESET# (PIN 26)
XOUT(PIN 28) DP(PIN 30)
VDDQ(PIN 32)
G VDDQ(PIN 23)
GPIO(PIN 24)
TEST1(PIN 25)
VSSQ(PIN 27)
XIN(PIN 29)
DN(PIN 31)
Center of BGA=
Center of package
Center of sensor
E
Top view (Bumps down)
G
F
Side view
A
E
D
C
A
B
1
158.28
2
34
6
5
E
NNN
Bottom view (Bumps up)
G
F
NNN
J1
S1
D
C
A
B
65
4
3
2
1
Marking CodeNNNNNN - Datecode
Symbol
Nominal
Min.
Max.
Package Body Dimension X
A
4966
4941
4991
Package Body Dimension Y
B
5456
5431
5481
Package Height
C
800
740
860
Ball Height
C1
160
130
190
Package Body Thickness
C2
640
605
675
Thickness of Glass surface to wafer
C3
415
395
435
Ball Diameter
D
300
270
330
Total Pin Count
N
37
Pin Count X axis
N1
6
Pin Count Y axis
N2
7
Pins Pitch X axis
J1
650
Pins Pitch Y axis
J2
650
Edge to Pin Center Distance analog X
S1
858
828
888
Edge to Pin Center Distance analog Y
S2
778
748
808
Edge to Optical Center Distance analog X
E
2325
2300
2350
Edge to Optical Center Distance analog Y
F
1842
1817
1867
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com