Electronic Components Datasheet Search
  English  ▼

X  

PAN301A Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN301A Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAN301A Datasheet HTML 1Page - Pixart Imaging Inc. PAN301A Datasheet HTML 2Page - Pixart Imaging Inc. PAN301A Datasheet HTML 3Page - Pixart Imaging Inc. PAN301A Datasheet HTML 4Page - Pixart Imaging Inc. PAN301A Datasheet HTML 5Page - Pixart Imaging Inc. PAN301A Datasheet HTML 6Page - Pixart Imaging Inc. PAN301A Datasheet HTML 7Page - Pixart Imaging Inc. PAN301A Datasheet HTML 8Page - Pixart Imaging Inc. PAN301A Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PixArt Imaging Inc.
PAN301A
CMOS Optical Mouse Sensor
2. Block Diagram and Operation
CMOS
IMAGE
SENSOR
DIGITAL
SIGNAL
PROCESSOR
POWER ON
RESET
SERIAL
INTERFACE
LED
DRIVE
CONTROL REGISTER
SCLK
SDIO
OSCILLATOR
YA
YB
XA
XB
LED
VREFA
VREFB
PD
VDD
VSS
OSCIN
OSCOUT
SERIAL
INTERFACE
QUADRATURE
OUTPUTS
RESONATOR
VOLTAGE
REFERENCE
5V
POWER
VSS_LED
VSS
Figure 3. Block diagram
The PAN301A is a high performance CMOS-process optical mouse sensor with DSP integration chip that
serves as a non-mechanical motion estimation engine for implementing a computer mouse. It is based on
new optical navigation technology, which measures changes in position by optically acquiring sequential
surface images (frames) and mathematically determining the direction and magnitude of movement. The
sensor is in a 20pin optical package. The output format is two-channel quadrature (X and Y direction),
which emulates encoder phototransistors. The current X and Y information are also available in registers
accessed via a serial port.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com