Electronic Components Datasheet Search
  English  ▼

X  

PAN3101 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAN3101
Description  LOW COST CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3101 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAN3101 Datasheet HTML 1Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 2Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 3Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 4Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 5Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 6Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 7Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 8Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PixArt Imaging Inc.
PAN3101
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0 MAR. 2005
3. Registers and Operation
The PAN3101 can be programmed through registers, via the serial port, and DSP configuration and
motion data can be read from these registers. All registers not listed are reserved, and should never be
written by firmware.
3.1 Registers
Address
Name
R/W Reset Value
Data Type
0x00
Operation_Mode1 R/W
0x00
Bit field
0x01
Product_ID1
R
0x01
Bit field
0x02
Delta_Y
R
-
Eight bits 2’s complement number
0x03
Delta_X
R
-
Eight bits 2’s complement number
0x04
Image_Quality
R
-
Eight bits unsigned integer
0x05
|
0x13
-
-
-
Reserve for future use
0x14
Product_ID2
R
0x10
Eight bits [11:4] number with the product identifier
0x15
Product_ID2
R
0x1N
Four bits [3:0] number with the product identifier
Reserved [3:0] number is reserved for future
0x16
Motion_Status
R
-
Bit field
0x17
Delta_X
R
-
Eight bits 2’s complement number
0x18
Delta_Y
R
-
Eight bits 2’s complement number
0x19
Image_Quality
R
-
Eight bits unsigned integer
0x1A
Operation_Mode2 R/W
-
Bit field
0x1B
Configuration
R/W
-
Bit field
0x1C
|
0x3F
-
-
-
Reserve for future use
0x40
Operation_Mode3 R/W
0x20
Bit field
0x41
Product_ID3
R
0x41
Bit field
0x42
Delta_Y
R
-
Eight bits 2’s complement number
0x43
Delta_X
R
-
Eight bits 2’s complement number
0x44
Image_Quality
R
-
Eight bits unsigned integer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com