Electronic Components Datasheet Search
  English  ▼

X  

PAS302BCA-32 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAS302BCA-32
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS302BCA-32 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAS302BCA-32 Datasheet HTML 5Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 6Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 7Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 8Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 9Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 10Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 11Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 12Page - Pixart Imaging Inc. PAS302BCA-32 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PAS302BCA-32
CMOS Image Sensor IC
Version 2.3, 13 Sep. 2004
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
9
5.2. Data Transfer Format
5.2.1. Master transmits data to slave (write cycle)
S : Start
A : Acknowledge by slave
P : Stop
RW : The LSB of 1st byte to decide whether current cycle is read or write cycle.
If RW=1 that means read cycle, if RW=0 that means write cycle..
SUBADDRESS : The address values of PAS302BCA-32 internal control registers
(Please refer to PAS302BCA-32 register description)
During the write cycle, the master generates start condition and then places the 1st byte data
that combined slave address (7 bits) with a read/write control bit on SDA line. After
slave(PAS302BCA-32) issues acknowledgment, the master places 2nd byte (sub-address) data
on SDA line. And then following the slave’s( PAS302BCA-32) acknowledgment, the master
places the 8 bits data on SDA line and transmit to PAS302BCA-32 control register (address was
assigned by 2nd byte). After PAS302BCA-32 issue acknowledgment, the master can generate a
stop condition to end this write cycle. In the condition of multi-byte write, the PAS302BCA-32
sub-address will be increased automatically after each DATA byte has been transferred. The
Data and A cycles are repeated until last byte write. Every control registers value inside
PAS302BCA-32 can be programming via this way. (Please refer to Figure 5.3.)
5.2.2. Slave transmits data to master (read cycle)
The sub-address was assigned by previous write cycle
The sub-address is automatically increased after each byte read
Am : Acknowledged by master
Note there is no acknowledgment from master after last byte read
During read cycle, the master generates start condition and then place the 1st byte data that
combine slave address (7 bits) with a read/write control bit to SDA line. After slave issue
acknowledgment, 8 bits DATA was placed on SDA line by PAS302BCA-32. The 8 bit data was
read from PAS302BCA-32 internal control register that address was assigned by previous write
cycle. Following the master acknowledgment, the PAS302BCA-32 place the next 8 bits data
(address is increased automatically) on SDA line and then transfer to master serially. The DATA
and Am cycles are repeated until the last byte read. After last byte read, Am is no longer
S
SLAVE ADDRESS
(7 BITS)
RW
A
DATA (8 BIT)
Am
DATA
1
P
1ST BYTE
2ND BYTE
n BYTE
NO ACK IN LAST
BYTE
Am
DATA
S
SLAVE ID (7 BIT)
RW
A
SUBADDRESS (8 BIT)
A
DATA
P
A
1ST BYTE
2ND BYTE
n BYTEs + A
MSB
LSB=0
A
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com