Electronic Components Datasheet Search
  English  ▼

X  

PAW3412 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAW3412
Description  PS/2 OPTICAL MOUSE SOC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3412 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAW3412 Datasheet HTML 1Page - Pixart Imaging Inc. PAW3412 Datasheet HTML 2Page - Pixart Imaging Inc. PAW3412 Datasheet HTML 3Page - Pixart Imaging Inc. PAW3412 Datasheet HTML 4Page - Pixart Imaging Inc. PAW3412 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3412 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3412 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3412 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3412 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PixArt Imaging Inc.
PAW3402 / PAW3412
PS/2 Optical Mouse SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Feb. 2008
1.3 Pin Assignment For Sensor Rotate -90˚
Figure 3. Top View Pinout
Figure 4. Top View of Mouse
2. Block Diagram and Operation
DIGITAL
SIGNAL
PROCESSOR
POWER ON
RESET
LED
DRIVE
CLOCK
DATA
OSCILLATOR
LED
VREF
VDD
PS/2
INTERFACE
VOLTAGE
REFERENCE
5V POWER
VSS
CMOS IMAGE
SENSOR
INTERNAL
OSC_RES
PS/2 MOUSE CONTROLLER
Z1
Z2
WHEEL
BR
BL
BM
BUTTON
Figure 5. Block diagram
PAW3402 / PAW3412 is a CMOS process optical mouse SOC with PS/2 interface that serves as a non-
mechanical motion estimation engine for implementing a computer mouse. It is based on new optical navigation
technology, which measures changes in position by optically acquiring sequential surface images (frames) and
mathematically determining the direction and magnitude of movement. The sensor is in a 12-pin optical package
and comes with the resolution of 500 / 800 / 1000 counts per inch (cpi) and the rate of motion up to 28 inches per
second. It is also featured resonator-less (Internal ± 10% accurate oscillator) to save customer’s BOM cost.
PAW3402 / PAW3412 include PS/2 interface so that no mouse controller is needed to interface through PS/2.
PAW3402 / PAW3412 can receive command and echo status or data format which are compatible with IBM
PS/2 mouse and Microsoft 3D PS/2 mouse.
* The word “PS/2 Mouse”, instead of “ PAW3402 / PAW3412”, is used in the document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com