Electronic Components Datasheet Search
  English  ▼

X  

PAW3502 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAW3502
Description  USB OPTICAL MOUSE SINGLE CHIP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3502 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAW3502 Datasheet HTML 1Page - Pixart Imaging Inc. PAW3502 Datasheet HTML 2Page - Pixart Imaging Inc. PAW3502 Datasheet HTML 3Page - Pixart Imaging Inc. PAW3502 Datasheet HTML 4Page - Pixart Imaging Inc. PAW3502 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3502 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3502 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3502 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3502 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PixArt Imaging Inc.
PAW3502
USB Optical Mouse Sensor Single Chip
3. Specifications
4
3.1 Absolute Maximum Ratings
Exposure to absolute maximum rating may affect device reliability.
Symbol Parameter
Min.
Max.
Unit
Notes
TSTG
Storage Temperature
-40
85
°C
TA
Operating Temperature
-15
55
°C
Lead Solder Temp
260
°C
For 10 seconds, 1.6 mm below seating plane.
ESD
2
kV
All pins, human body model MIL 883 Method
3015
VDC
DC Supply Voltage
-0.5
5.5
V
VIN
DC Input Voltage
-0.5
5.5
V
All I/O pin
3.2 Recommend Operating Condition
Symbol Parameter
Min.
Typ.
Max.
Unit
Notes
TA
Operating Temperature
0
40
°C
VDD
Power Supply Voltage
4.25
5.0
5.5
V
VN
Supply Noise
100
mV
Peak to peak within 0 - 80 MHz
Z
Distance from Lens
Reference Plane to Surface
2.3
2.4
2.5
mm
Refer to Figure 4.
R
Resolution
400
1200
CPI
A
Acceleration
20
g
FCLK
Clock Frequency
24
MHz
FR
Frame Rate
3000
frames/sec
S
Speed
0
28
inches/sec
28 inches/sec @400CPI
20 inches/sec @800CPI
16 inches/sec @1000CPI
13 inches/sec @1200CPI
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.2 Dec. 2006



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com