Electronic Components Datasheet Search
  English  ▼

X  

HMC173MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC173MS8
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.8 - 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC173MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC173MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC173MS8
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 0.8 - 2.0 GHz
v01.0801
General Description
Features
Functional Diagram
Single Positive Voltage Control: 0 to +3V
High Attenuation Range: >50 dB @ 0.9 GHz
High P1dB Compression Point: +16 dBm
Ultra Small Package: MSOP
Electrical Specifications, T
A =
+25° C, Vdd = +4.0 Vdc, 50 Ohm System
Typical Applications
The HMC173MS8 is an absorptive voltage vari-
able attenuator in an 8-lead MSOP package. The
device operates with a positive supply voltage and a
positive control voltage. Unique features include a
high dynamic attenuation range and excellent power
handling performance through all attenuation states.
The HMC173MS8 is ideal for operation in wireless
applications between 0.8 GHz and 1.6 GHz. 1.7 to
2.0 GHz operation is possible, with a reduced maxi-
mum attenuation of 30 dB and increased VSWR.
The HMC173MS8 can be used with an external
driver circuit for improved linearity of attenuation.
The HMC173MS8 is ideal for 0.8 - 2.0 GHz
Applications:
• Base Station Infrastructure
• Portable Wireless
Parameter
Min.
Typ.
Max.
Units
Insertion Loss (Min. Atten.)
(VCTL = 0.0 Vdc)
0.8 - 1.0 GHz
1.0 - 1.6 GHz
1.6 - 2.0 GHz
1.8
2.6
3.2
2.3
3.1
3.7
dB
dB
dB
Attenuation Range
(VCTL = 0 to +3 V)
0.8 - 1.0 GHz
1.0 - 1.6 GHz
1.6 - 2.0 GHz
45
27
25
52
32
30
dB
dB
dB
Flatness
(Peak to Peak)
0.8 - 1.0 GHz
1.0 - 1.6 GHz
±0.15
±0.25
dB
dB
Return Loss
(VCTL = 0 to +3 V)
0.8 - 1.0 GHz
1.0 - 1.6 GHz
1.6 - 2.0 GHz
6
5
5
12
8
7
dB
dB
dB
Input Power for 0.1 dB Compression
(.825 GHz)
Min Atten.
Atten. >2.0
19
9
dBm
dBm
Input Power for 1.0 dB Compression
(.825 GHz)
Min Atten.
Atten. >2.0
21
10
25
16
dBm
dBm
Input Third Order Intercept
.825 GHz, Two-tone Input Power = +5.0 dBm Each Tone
Min Atten.
Atten. >2.0
30
15
37
21
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
0.8 - 2.0 GHz
1.0
1.2
μS
μS


Similar Part No. - HMC173MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC173MS8 HITTITE-HMC173MS8 Datasheet
169Kb / 6P
GaAs MMIC VOLTAGE VARIABLE ATTENUATOR 800-2000 MHz
More results

Similar Description - HMC173MS8

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
18-50 GHz GaAs MMIC Voltage Variable Attenuator
AV850M2-00 ALPHA-AV850M2-00 Datasheet
43Kb / 2P
18-40 GHz GaAs MMIC Voltage Variable Attenuator
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC985 HITTITE-HMC985 Datasheet
926Kb / 10P
Gaas mmic voltage - variable attenuator, 20 - 50 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712ALP3CE AD-HMC712ALP3CE Datasheet
776Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC985A AD-HMC985A Datasheet
835Kb / 10P
GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com