Electronic Components Datasheet Search
  English  ▼

X  

HMC261 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC261
Description  GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC261 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC261 Datasheet HTML 1Page - Hittite Microwave Corporation HMC261 Datasheet HTML 2Page - Hittite Microwave Corporation HMC261 Datasheet HTML 3Page - Hittite Microwave Corporation HMC261 Datasheet HTML 4Page - Hittite Microwave Corporation HMC261 Datasheet HTML 5Page - Hittite Microwave Corporation HMC261 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
1 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
1
HMC261
GaAs MMIC MEDIUM POWER
DISTRIBUTED AMPLIFIER, 20 - 40 GHz
v01.0500
General Description
Features
Functional Diagram
Stable Gain vs. Temperature: 14dB ± 1.5dB
High Reverse Isolation: 40 ~ 50 dB
P1dB Output Power: +12 dBm
Small Size: 1.3mm x 1.7mm
Electrical Specifications, T
A = +25° C, Vdd = +4V
Typical Applications
r
e
t
e
m
a
r
a
P.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
g
n
a
R
y
c
n
e
u
q
e
r
F
0
4
-
0
22
3
-
7
2z
H
G
n
i
a
G8
3
18
11
14
14
1B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
39
6
8
B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O4
0
17
8
B
d
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
R
2
35
40
45
4B
d
)
B
d
1
P
(
n
o
i
s
s
e
r
p
m
o
C
B
d
1
r
o
f
r
e
w
o
P
t
u
p
t
u
O8
2
19
2
1m
B
d
)
t
a
s
P
(
r
e
w
o
P
t
u
p
t
u
O
d
e
t
a
r
u
t
a
S
1
13
11
13
1m
B
d
)
3
P
I
(
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
O
0
23
20
23
2m
B
d
e
r
u
g
i
F
e
s
i
o
N
5
.
73
17
0
1B
d
)
d
d
l
(
t
n
e
r
r
u
C
y
l
p
p
u
S
5
70
95
70
9A
m
The HMC261 chip is a GaAs MMIC distributed
amplifier which covers the frequency range of 20
to 40 GHz. The chip can easily be integrated into
Multi-Chip Modules (MCMs) due to its small (2.21
mm2) size. The chip utilizes a GaAs PHEMT pro-
cess, operating from a single bias supply of + 3 to
+4V with a P1dB output power of +12 dBm. All data
is with the chip in a 50 ohm test fixture connected
via 0.025 mm (1 mil) diameter wire bonds of minimal
length 0.31 mm (<12 mils). The HMC261 may be
used to drive the LOs of HMC mixers such as the
HMC203, HMC292, HMC294, or HMC329.
The HMC261 is ideal for:
• MMW Point-to-Point Radios
• LMDS
• VSAT
• SATCOM


Similar Part No. - HMC261

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC261LM1 HITTITE-HMC261LM1 Datasheet
170Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER 20 - 32 GHz
HMC261LM1 HITTITE-HMC261LM1 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC261LM1 HITTITE-HMC261LM1_01 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC261 HITTITE-HMC261_02 Datasheet
465Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
More results

Similar Description - HMC261

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC283 HITTITE-HMC283 Datasheet
284Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1 Datasheet
367Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC261LM1 HITTITE-HMC261LM1 Datasheet
170Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER 20 - 32 GHz
HMC283 HITTITE-HMC283_08 Datasheet
314Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
logo
Mimix Broadband
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
logo
Hittite Microwave Corpo...
HMC261LM1 HITTITE-HMC261LM1_01 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC281 HITTITE-HMC281_00 Datasheet
152Kb / 6P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_07 Datasheet
320Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC261 HITTITE-HMC261_02 Datasheet
465Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com