Electronic Components Datasheet Search
  English  ▼

X  

HMC263LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC263LP4E
Description  GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC263LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC263LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 4
Isolation @ Vdd = +5V
Isolation @ Vdd = +3V
Output P1dB @ Vdd = +3V
Output P1dB @ Vdd = +5V
HMC263LP4E
v01.0709
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 36 GHz
Noise Figure
vs. Temperature @ Vdd = +3V
Noise Figure
vs. Temperature @ Vdd = +5V
0
2
4
6
8
18
22
26
30
34
38
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
0
4
8
12
16
18
22
26
30
34
38
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-80
-60
-40
-20
0
18
22
26
30
34
38
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
0
4
8
12
16
18
22
26
30
34
38
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
0
2
4
6
8
18
22
26
30
34
38
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-80
-60
-40
-20
0
18
22
26
30
34
38
+25 C
+85 C
- 40 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com