Electronic Components Datasheet Search
  English  ▼

X  

D8M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D8M
Description  Solid State Pressure Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D8M Datasheet(HTML) 2 Page - Omron Electronics LLC

  D8M Datasheet HTML 1Page - Omron Electronics LLC D8M Datasheet HTML 2Page - Omron Electronics LLC D8M Datasheet HTML 3Page - Omron Electronics LLC D8M Datasheet HTML 4Page - Omron Electronics LLC D8M Datasheet HTML 5Page - Omron Electronics LLC D8M Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Solid State Pressure Sensors
D8M
Specifications
■ Electrical Ratings
Note: Values measured during and after testing.
■ Operating Characteristics
Note: With no icing or condensation.
■ Environmental Characteristics
Item
D8M-D82
D8M-R1
Power supply voltage
2.2 to 3.4 VDC with regulator
4.2 to 5.5 VDC with regulator
Current consumption
100 mA
±5% at 3 VDC
10 mA max.
Leakage current
1 mA or less
1 mA or less
Output pulses
—
80 to 300 kHz
Output resolution
1 pulse/9.81 Pa
1 kHz/9.81 Pa
Operating characteristics
0 kPa = 30 pulses
0.15 kPa = 45
±30 pulses
2 kPa = 204
±15 pulses
4 kPa = 438
±46 pulses
0 Pa = 180
±100 kHz;
Incremental change from 0 value:
49.03 Pa = 5
±0.9 kHz
73.55 Pa = 7.5
±1.0 kHz
147.10 Pa = 15
±0.8 kHz
196.13 Pa = 20
±1.4 kHz
(Note)
Item
D8M-D82
D8M-R1
Pressure range
0 to 4.9 kPa (0 to 0.71 psi)
0 to 196.13 Pa (0 to 0.028 psi)
Withstand pressure
19.6 kPa for 5 minutes
3 kPa for 10 seconds
Repeatability/hysteresis
±0.5% FS
±0.5% FS
Non-linearity characteristics
±2% FS max.
±2% FS max.
Response time
1.5 ms (pressure)
30 ms max. (switch)
45 ms (discharge)
3 seconds max.
Operating temperature
(Note)
-10
° to 60°C
-20
° to 70°C
Storage temperature
(Note)
-20
° to 70°C
-30
° to 80°C
Operating humidity
25 to 95%
25 to 95%
Item
D8M-D82
D8M-R1
Insulation resistance
100 m
∧ min., 250 VDC between lead terminals and the base
Dielectric strength
250 VAC, 50/60 Hz for 1 minute
between lead terminals and the base
500 VAC, 50/60 Hz for 1 minute
between terminals and the base
Degree of protection
IP40
IP40
Pressure port
6 mm OD
4 mm OD
Connection method
Three AWG26 wires, 115 mm long
Wiring connector on bottom
Material
PBT (polybutylene terephthalate)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com