Electronic Components Datasheet Search
  English  ▼

X  

G8JR Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8JR
Description  Power Mini ISO Automotive Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8JR Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8JR Datasheet HTML 1Page - Omron Electronics LLC G8JR Datasheet HTML 2Page - Omron Electronics LLC G8JR Datasheet HTML 3Page - Omron Electronics LLC G8JR Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Power Mini ISO Automotive Relay
G8JR
Characteristics
Characteristic Reference Data
■ Durability Data
Dimensions
Max. initial contact voltage drop
50 mV @ 10 A / 5 m
Ω
NO activation time
20 ms max. (5.7 ms typical) @ 14 V
NO deactivation time
20 ms max. (2.3 ms typical) @ 14 V
Insulation resistance
20 M
Ω min.
Dielectric strength
0.5 mA max. leakage at 900 VDC for 1s
Ambient operating temperature
-40
° C to 125° C
Humidity
95% RH @ 45
° C
Service life
Mechanical
1,000,000 operations min.
Electrical
100,000 operations min. (load dependent)
Weight
39 g (approx.)
Relay
Load type
Current
Cycles tested
G8JR
Cooling fan motor load
150 A in-rush
50 A steady state
150,000
8s on, 7s off
Glow plug load
72 A in-rush
28 A steady state
60,000
30s on, 90s off
Resistive load
50 A steady state
100,000
2s on, 2s off



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com