Electronic Components Datasheet Search
  English  ▼

X  

EE-SA113 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SA113
Description  Photomicrosensor (Actuator)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SA113 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SA113 Datasheet HTML 1Page - Omron Electronics LLC EE-SA113 Datasheet HTML 2Page - Omron Electronics LLC EE-SA113 Datasheet HTML 3Page - Omron Electronics LLC EE-SA113 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Photomicrosensor (Actuator)
EE-SA113
339
I Engineering Data
2. Operating force: The force required to press the actuator from its FP to OP.
Note: 1. Free position (FP):
The distance between the bottom of the housing to
the top of the actuator without any external force
imposed on the actuator.
Operating position (OP):
The distance between the bottom of the housing to
the top of the actuator when the actuator is
pressed and the IL becomes ILEAK or less.
Total travel position (TTP):
The distance between the bottom of the housing
to the top of the actuator when the actuator is fully
pressed.
Forward Current vs. Collector
Dissipation Temperature Rating
Forward Current vs. Forward
Voltage Characteristics (Typical)
Light Current vs. Forward Current
Characteristics (Typical)
Light Current vs. Collector
−Emitter
Voltage Characteristics (Typical)
Dark Current vs. Ambient
Temperature Characteristics
(Typical)
Sensing Position Characteristics
(Typical)
Distance d (mm)
d (FP point: 0 mm)
Ambient temperature Ta (
°C)
Forward voltage VF (V)
Forward current IF (mA)
Collector
−Emitter voltage VCE (V)
Ambient temperature Ta (
°C)
Ta =
−30°C
Ta = 25
°C
Ta = 70
°C
Ta = 25
°C
VCE = 10 V
IF = 40 mA
IF = 30 mA
IF = 20 mA
IF = 10 mA
Ta = 25
°C
VCE = 10 V
0
lx
IF = 20 mA
VCE = 5 V
IF = 20 mA
VCE = 5 V
Ta = 25
°C
IF = 50 mA
Ambient temperature Ta (
°C)
IF
PC
Relative Light Current vs. Ambi-
ent Temperature Characteristics
(Typical)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com