Electronic Components Datasheet Search
  English  ▼

X  

EE-SH3 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-SH3
Description  Photomicrosensor (Transmissive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SH3 Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-SH3 Datasheet HTML 1Page - Omron Electronics LLC EE-SH3 Datasheet HTML 2Page - Omron Electronics LLC EE-SH3 Datasheet HTML 3Page - Omron Electronics LLC EE-SH3 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
220
Photomicrosensor (Transmissive)
EE-SH3 Series
Photomicrosensor (Transmissive)
EE-SH3 Series
I Dimensions
Note: All units are in millimeters unless otherwise indicated.
I Features
• High-resolution model with a 0.2-mm-wide or 0.5-mm-wide sensing
aperture, high-sensitivity model with a 1-mm-wide sensing aperture,
and model with a horizontal sensing aperture are available.
• Solder terminal models: EE-SH3/-SH3-CS/-SH3-DS/-SH3-GS
• PCB terminal models: EE-SH3-B/-SH3-C/-SH3-D/-SH3-G
• RoHS Compliant.
I Absolute Maximum Ratings (Ta = 25°C)
Note: 1. Refer to the temperature rating chart if the ambient tempera-
ture exceeds 25
°C.
2. The pulse width is 10
µs maximum with a frequency of 100 Hz.
3. Complete soldering within 10 seconds.
I Ordering Information
I Electrical and Optical Characteristics (Ta = 25°C)
Internal Circuit
K
A
C
E
Terminal No.
Name
A
Anode
K
Cathode
C
Collector
E
Emitter
Dimensions
Tolerance
3 mm max.
±0.2
3
< mm ≤ 6
±0.24
6
< mm ≤ 10
±0.29
10
< mm ≤ 18
±0.35
18
< mm ≤ 30
±0.42
Four, 0.25
Two, C1.5
Four, R1
Matted
Center mark
Solder terminal
Cross section AA
PCB terminal
Cross section AA
19
±0.15
25.4
3.4
±0.2
2.54
±0.2
7.2
±0.2
7.2
±0.2
7.6
±0.3
6.2
10.2
Model
Aperture (a x b)
EE-SH3(-B)
2.1 x 0.5
EE-SH3-C(S)
2.1 x 1.0
EE-SH3-D(S)
2.1 x 0.2
EE-SH3-G(S)
0.5 x 2.1
Unless otherwise specified, the
tolerances are as shown below.
Two, 3.2
±0.2
dia. holes
Item
Symbol
Rated value
Emitter
Forward current
I
F
50 mA (see note 1)
Pulse forward
current
I
FP
1 A (see note 2)
Reverse voltage
V
R
4 V
Detector
Collector–Emitter
voltage
V
CEO
30 V
Emitter–Collector
voltage
V
ECO
---
Collector current
I
C
20 mA
Collector dissipation P
C
100 mW (see note 1)
Ambient
temperature
Operating
Topr
–25
°C to 85°C
Storage
Tstg
–30
°C to 100°C
Soldering temperature
Tsol
260
°C (see note 3)
Description
Aperture (a x b)
Model
Photomicrosensor
(transmissive)
2.1 x 0.5
EE-SH3(-B)
2.1 x 1.0
EE-SH3-C(S)
2.1 x 0.2
EE-SH3-D(S)
0.5 x 2.1
EE-SH3-G(S)
Item
Symbol
Value
Condition
EE-SH3(-B)
EE-SH3-C(S)
EE-SH3-D(S)
EE-SH3-G(S)
Emitter
Forward voltage
V
F
1.2 V typ., 1.5 V max.
I
F = 30 mA
Reverse current
I
R
0.01
µA typ., 10 µA max.
V
R = 4 V
Peak emission wavelength
λ
P
940 nm typ.
I
F = 20 mA
Detector
Light current
I
L
0.5 to 14 mA typ. 1 to 28 mA typ.
0.1 mA min.
0.5 to 14 mA
I
F = 20 mA,
V
CE = 10 V
Dark current
I
D
2 nA typ., 200 nA max.
V
CE = 10 V,
0 lx
Leakage current
I
LEAK
---
---
Collector–Emitter
saturated voltage
V
CE (sat)
0.1 V typ., 0.4 V max.
---
0.1 V typ.,
0.4 V max.
I
F = 20 mA,
I
L = 0.1 mA
Peak spectral sensitivity
wavelength
λ
P
850 nm typ.
V
CE = 10 V
Rising time
tr
4
µs typ.
V
CC = 5 V,
R
L = 100 Ω,
I
L = 5 mA
Falling time
tf
4
µs typ.


Similar Part No. - EE-SH3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SH3 OMRON-EE-SH3 Datasheet
384Kb / 3P
Photomicrosensor Transmissive
EE-SH3-B OMRON-EE-SH3-B Datasheet
384Kb / 3P
Photomicrosensor Transmissive
EE-SH3-B OMRON-EE-SH3-B Datasheet
263Kb / 4P
Photomicrosensor (Transmissive) EE-SH3 Series
EE-SH3-C OMRON-EE-SH3-C Datasheet
384Kb / 3P
Photomicrosensor Transmissive
EE-SH3-CS OMRON-EE-SH3-CS Datasheet
384Kb / 3P
Photomicrosensor Transmissive
More results

Similar Description - EE-SH3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SX1103 ETC-EE-SX1103 Datasheet
224Kb / 2P
Photomicrosensor (Transmissive)
logo
Omron Electronics LLC
EE-SJ3-C OMRON-EE-SJ3-C Datasheet
430Kb / 3P
Photomicrosensor (Transmissive)
EE-SX1035 OMRON-EE-SX1035 Datasheet
645Kb / 4P
Photomicrosensor (Transmissive)
EE-SX1070 OMRON-EE-SX1070 Datasheet
623Kb / 4P
Photomicrosensor (Transmissive)
EE-SX1096 OMRON-EE-SX1096 Datasheet
660Kb / 4P
Photomicrosensor (Transmissive)
EE-SX1106 OMRON-EE-SX1106 Datasheet
713Kb / 4P
Photomicrosensor (Transmissive)
EE-SX4235A-P2 OMRON-EE-SX4235A-P2 Datasheet
547Kb / 4P
Photomicrosensor (Transmissive)
EE-SJ3 OMRON-EE-SJ3 Datasheet
249Kb / 4P
Photomicrosensor (Transmissive)
EE-SX1057 OMRON-EE-SX1057 Datasheet
230Kb / 4P
Photomicrosensor (Transmissive)
EESX1140 OMRON-EESX1140 Datasheet
81Kb / 2P
Photomicrosensor (Transmissive)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com