Electronic Components Datasheet Search
  English  ▼

X  

MGN Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MGN
Description  Heavy Duty Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MGN Datasheet(HTML) 2 Page - Omron Electronics LLC

  MGN Datasheet HTML 1Page - Omron Electronics LLC MGN Datasheet HTML 2Page - Omron Electronics LLC MGN Datasheet HTML 3Page - Omron Electronics LLC MGN Datasheet HTML 4Page - Omron Electronics LLC MGN Datasheet HTML 5Page - Omron Electronics LLC MGN Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
326
Heavy Duty Power Relay
MGN
■ Coil Data
AC
DC
■ Characteristics
Nominal
voltage
Resistance in
Ohms
± 10%
Nominal coil
power
Coil
voltages
Coil treatment
Insulation
resistance
Pick up voltage
at 25
°C (77°F)
6 VAC
0.85
9.5 VA
Up to 600
volts/60 Hz
Molded Rynite®
Std. Class F
100 megohms
min.
85% or less
of nominal
12 VAC
2.85
24 VAC
11.5
120 VAC
295
240 VAC
1,170
480 VAC
4,860
Nominal
voltage
Resistance in
Ohms
± 10%
Nominal coil
power
Coil
voltages
Coil treatment
Insulation
resistance
Pick up voltage
at 25
°C (77°F)
6 VDC
18
2W
Up to 125 volts Molded Rynite®
Std. Class F
100 megohms
min.
75% or less
of nominal
12 VDC
72
24 VDC
290
48 VDC
1,150
110 VDC
6,050
Operate time
Approximately 30 ms
Release time
Approximately 30 ms
Operating ambient temperature
AC:
-45
° to 80°C (-49° to 176°F) @ 30 amps
DC:
-45
° to 115°C (-49° to 239°F) @ 30 amps
Coil temperature rise
25
°C ambient-continuous duty
AC:
70
°C (158°F) approx. @ 60 Hz (use at 50 Hz will cause slight increase in coil rise)
DC:
35
°C (95°F) approx.
Life
expectancy
Electrical at
rated load
100,000 operations (minimum)
Mechanical
1,000,000 operations
Dielectric strength
2,200 VRMS, 60 Hz between contacts
2,200 VRMS, 60 Hz between other elements
Terminals
Screw type
Weight
Short base version: approx 227 g (8 oz)
Long base version: approx 283 g (10 oz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com