Electronic Components Datasheet Search
  English  ▼

X  

MY2IN Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # MY2IN
Description  General-purpose Relay
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2IN Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button MY2IN Datasheet HTML 5Page - Omron Electronics LLC MY2IN Datasheet HTML 6Page - Omron Electronics LLC MY2IN Datasheet HTML 7Page - Omron Electronics LLC MY2IN Datasheet HTML 8Page - Omron Electronics LLC MY2IN Datasheet HTML 9Page - Omron Electronics LLC MY2IN Datasheet HTML 10Page - Omron Electronics LLC MY2IN Datasheet HTML 11Page - Omron Electronics LLC MY2IN Datasheet HTML 12Page - Omron Electronics LLC MY2IN Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
General-purpose Relay
MY
267
■ Mounting Plates for Sockets
Note: PYP-18 and PYP-36 can be cut into any desired length in accordance with the number of Sockets.
■ DIN Rail Track and Accessories
Socket model
For 1 socket
For 18 sockets
For 36 sockets
PY08, PY14
PYP-1
PYP-18
PYP-36
Description
Model
Mounting rail (length = 500 mm)
PFP-50N
Mounting rail (length = 1,000 mm)
PFP-100N, PFP-100N2
End Plate
PFP-M
Spacer
PFP-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com