Electronic Components Datasheet Search
  English  ▼

X  

MY4IN Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # MY4IN
Description  General-purpose Relay
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4IN Datasheet(HTML) 3 Page - Omron Electronics LLC

  MY4IN Datasheet HTML 1Page - Omron Electronics LLC MY4IN Datasheet HTML 2Page - Omron Electronics LLC MY4IN Datasheet HTML 3Page - Omron Electronics LLC MY4IN Datasheet HTML 4Page - Omron Electronics LLC MY4IN Datasheet HTML 5Page - Omron Electronics LLC MY4IN Datasheet HTML 6Page - Omron Electronics LLC MY4IN Datasheet HTML 7Page - Omron Electronics LLC MY4IN Datasheet HTML 8Page - Omron Electronics LLC MY4IN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
General-purpose Relay
MY
261
■ Characteristics
Note: The values given above are initial values.
■ Life Expectancy Characteristics
■ Approved Standards
VDE, UL, CSA, IMQ, CE
■ Precautions
Connections
Do not reverse polarity when connecting DC-operated Relays with
built-in diodes or indicators or high-sensitivity DC-operated Relays.
Mounting
Whenever possible, mount Relays so that it is not subject to vibration
or shock in the same direction as that of contact movement.
Contact resistance
100 m
Ω max.
Operate time
20 ms max.
Release time
20 ms max.
Max. operating frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric withstand voltage
2,000 VAC, 50/60 Hz for 1.0 min (1,000 VAC between contacts of same polarity)
Vibration resistance
Destruction:10 to 55 Hz, 1.0 mm double amplitude
Malfunction:10 to 55 Hz, 1.0 mm double amplitude
Shock resistance
Destruction:1,000 m/s2 (approx. 100G)
Malfunction:200 m/s2 (approx. 20G)
Life expectancy
See the following table.
Ambient temperature
Operating
-55
°C to 70°C (-67°F to 158°F) with no icing (see note)
Ambient humidity
Operating
5% to 85% RH
Weight
Approx. 35 g
Pole
Mechanical life
(at 18,000 operations/hr)
Electrical life
(at 1,800 operations/hr under rated load)
2-pole
AC:50,000,000 operations min.
DC:100,000,000 operations min.
500,000 operations min.
4-pole
200,000 operations min.
4-pole (bifurcated)
20,000,000 operations min.
100,000 operations min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com