Electronic Components Datasheet Search
  English  ▼

X  

HMC309MS8 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC309MS8
Description  GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC309MS8 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC309MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8 - 55
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
Evaluation PCB
The circuit board used in the final application should use RF
circuit design techniques. Signal lines should have 50 ohm
impedance while the package ground leads should be con-
nected directly to the ground plane similar to that shown. A
sufficient number of VIA holes should be used to connect
the top and bottom ground planes. The evaluation circuit
board shown is available from Hittite upon request.
List of Material
HMC309MS8
v03.0304
GaAs MMIC 2.4 GHz FRONT-END
LNA / SWITCH
Item
Description
J1, J2, J3
PC Mount SMA Connector
J4, J5, J6
DC Pins
U1
HMC309MS8 Amplifier
PCB*
Evaluation Board 1.5” x 1.55”
*Circuit Board Material: Roger 4350



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com