Electronic Components Datasheet Search
  English  ▼

X  

XF2U Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF2U
Description  XF2U-0415-3A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2U Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF2U Datasheet HTML 1Page - Omron Electronics LLC XF2U Datasheet HTML 2Page - Omron Electronics LLC XF2U Datasheet HTML 3Page - Omron Electronics LLC XF2U Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF2U
27
Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF2U
Rotary Backlock Mechanism with a Depth of
3.5 mm and Low Profile of 0.9 mm
• Dual contact reduces the number of parts.
• Wide molding wall on the rear bottom of the connector
allows greater freedom in board design.
• Gold plated with an applicable FPC thickness of 0.2 mm.
• Halogen Free (See note)
Note: OMRON uses the following standard to determine halogen-
free construction: 900 ppm max. for Br, 900 ppm max. for Cl,
and 1,500 ppm max. for Br+Cl.
• RoHS Compliant
Ordering Information
Note: Please order by integer multiple of the quantity per reel.
Ratings and Specifications
■ Characteristics
■ Materials and Finish
Pins
Model
Quantity per reel (unit) (See Note)
4
XF2U-0415-3A
3,000
8
XF2U-0815-3A
11
XF2U-1115-3A
14
XF2U-1415-3A
18
XF2U-1815-3A
20
XF2U-2015-3A
24
XF2U-2415-3A
27
XF2U-2715-3A
30
XF2U-3015-3A
32
XF2U-3215-3A
40
XF2U-4015-3A
Rated current
0.5 A AC/DC
Rated voltage
50 V AC/DC
Contact resistance
60 m
Ω max. (at 20 mV max., 100 mA max.)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Withstand voltage
250 VAC for 1 min. (leakage current: 1 mA max.)
Insertion tolerance
20 times
Ambient operating temperature
−30 to 85°C (with no icing or condensation)
Housing
LCP resin (UL94V-0)/natural
Slider
LCP resin (UL94V-0)/black
Contacts
Spring copper alloy/nickel substrate (2
μm),
Gold-plated contacts (0.15
μm)
Hold-down
Spring copper alloy/fused-tin plating (2
μm)


Similar Part No. - XF2U

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2-20 XFMRS-XF2-20 Datasheet
42Kb / 1P
TRANSFORMER
XF2-5GPOL XFMRS-XF2-5GPOL Datasheet
735Kb / 2P
TRANSFORMER MODULES
XF2-5GPOLA XFMRS-XF2-5GPOLA Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLB XFMRS-XF2-5GPOLB Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLC XFMRS-XF2-5GPOLC Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
More results

Similar Description - XF2U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB30-03P SANYO-SB30-03P Datasheet
67Kb / 2P
30V, 3A Rectifier
SB30-09 SANYO-SB30-09 Datasheet
81Kb / 3P
90V, 3A Rectifier
SB30W03T SANYO-SB30W03T Datasheet
83Kb / 3P
30V, 3A Rectifier
logo
NEC
3P4J NEC-3P4J Datasheet
1Mb / 6P
3A MOLD THYRISTOR
logo
M.S. Kennedy Corporatio...
EFJ2803 MSK-EFJ2803 Datasheet
208Kb / 4P
3A EMI FILTER
logo
Analog Intergrations Co...
AIC1383B AIC-AIC1383B Datasheet
512Kb / 9P
3A TERMINATION REGULATOR
logo
Silicon Standard Corp.
1N5400 SSC-1N5400 Datasheet
422Kb / 2P
3A Silicon Rectifiers
logo
Renesas Technology Corp
CR3PM-8ME RENESAS-CR3PM-8ME Datasheet
155Kb / 3P
400V - 3A - Thyristor
CR3AS-8UE RENESAS-CR3AS-8UE Datasheet
483Kb / 7P
400V - 3A - Thyristor
May. 10, 2019
AC03DJM RENESAS-AC03DJM Datasheet
444Kb / 8P
3A MOLD TRIAC
1988
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com