Electronic Components Datasheet Search
  English  ▼

X  

G3M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G3M
Description  Solid State Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3M Datasheet(HTML) 5 Page - Omron Electronics LLC

  G3M Datasheet HTML 1Page - Omron Electronics LLC G3M Datasheet HTML 2Page - Omron Electronics LLC G3M Datasheet HTML 3Page - Omron Electronics LLC G3M Datasheet HTML 4Page - Omron Electronics LLC G3M Datasheet HTML 5Page - Omron Electronics LLC G3M Datasheet HTML 6Page - Omron Electronics LLC G3M Datasheet HTML 7Page - Omron Electronics LLC G3M Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Solid State Relays
G3M
419
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Precautions
Protective Element
No overvoltage absorption element is built in. Therefore, if the G3M
is connected to an inductive load, be sure to connect the overvoltage
absorption element.
G3M-102PL-US(-4), G3M-202P(L)-4
G3M-203P(L)-4
4
7.62
4
±2
12.7
10.16
0.7
0.4
1.5
(5.08)*
2.54
2.54
*Input terminal pitch for models ending in "-4" is 5.08 mm.
40 max.
20 max.
9 max.
Load
Input voltage
Input
Load
Four, 1.2 dia. holes
Terminal Arrangement
(Bottom View)
PCB Dimensions
(Bottom View)
Load power
supply
"-4" type
(4)
4
1
2
3
G3M-205P(L)-4
7.6±0.2
4
7.62
12.7
4±2
10.16
0.7
0.4
1.65
(5.08)*
40 max.
25 max.
41
2
3
41
2
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com