Electronic Components Datasheet Search
  English  ▼

X  

HMC863 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC863
Description  GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC863 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC863 Datasheet HTML 1Page - Hittite Microwave Corporation HMC863 Datasheet HTML 2Page - Hittite Microwave Corporation HMC863 Datasheet HTML 3Page - Hittite Microwave Corporation HMC863 Datasheet HTML 4Page - Hittite Microwave Corporation HMC863 Datasheet HTML 5Page - Hittite Microwave Corporation HMC863 Datasheet HTML 6Page - Hittite Microwave Corporation HMC863 Datasheet HTML 7Page - Hittite Microwave Corporation HMC863 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3
3 - 143
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain &
Return Loss vs. Frequency
Gain vs. Temperature
HMC863
v00.1109
GaAs pHEMT MMIC ½ WATT
POWER AMPLIFIER, 24 - 29.5 GHz
-30
-20
-10
0
10
20
30
21
22
23
24
25
26
27
28
29
30
S21
S11
S22
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
24
25
26
27
28
29
30
+25C
+85C
-55C
FREQUENCY (GHz)
18
20
22
24
26
28
30
32
34
24
25
26
27
28
29
30
+25C
+85C
-55C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
24
25
26
27
28
29
30
+25C
+85C
-55C
FREQUENCY (GHz)
P1dB vs. Temperature
P1dB vs. Supply Voltage
21
23
25
27
29
31
24
25
26
27
28
29
30
+25C
+85C
-55C
FREQUENCY (GHz)
21
23
25
27
29
31
24
25
26
27
28
29
30
6.0V
5.5V
5.0V
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com