Electronic Components Datasheet Search
  English  ▼

X  

G5NB Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G5NB
Description  PCB Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5NB Datasheet(HTML) 2 Page - Omron Electronics LLC

  G5NB Datasheet HTML 1Page - Omron Electronics LLC G5NB Datasheet HTML 2Page - Omron Electronics LLC G5NB Datasheet HTML 3Page - Omron Electronics LLC G5NB Datasheet HTML 4Page - Omron Electronics LLC G5NB Datasheet HTML 5Page - Omron Electronics LLC G5NB Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
116
PCB Relay
G5NB
Specifications
■ Coil Ratings
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C.
3. The “Max. voltage” is the maximum voltage that can be applied to the relay coil.
■ Contact Ratings
■ Characteristics
Note: 1. The data shown above are initial value.
2. Measurement conditions: 5 VDC, 1 A, voltage drop method
3. Measurement conditions: Measured at the same points as the dielectric strength using a 500-VDC ohmmeter.
4. This value is for a switching frequency of 120 operations/minute. (P level:
λ
60 = 0.1 x 10
-6 operations)
Rated voltage
5 VDC
12 VDC
18 VDC
24 VDC
Rated current
40.0 mA
16.7 mA
11.1 mA
8.3 mA
Coil resistance
125
Ω
720
Ω
1,620
Ω
2,880
Ω
Must operate voltage
75% of rated voltage (max.)
Must release voltage
10% of rated voltage (min.)
Max. voltage
Standard: 180% of rated voltage (at 23
°C)
High-capacity: 170% of rated voltage (at 23
°C)
Power consumption
Approx. 200 mW
Load
Standard
High-capacity
Rated load (resistive, p.f.= 1)
3 A at 125 VAC
3 A at 30 VDC
5 A at 250 VAC
3 A at 30 VDC
Max. switching voltage
250 VAC, 30 VDC
250 VAC, 30 VDC
Rated carry current
Max. switching current
3 A
3 A
5A
5A (AC load,) 3A (DC load)
Max. switching power
375 VA, 90 W
1,250 VA, 90 W
Contact resistance (see note 2)
100 m
Ω max.
Operate time
10 ms max.
Release time
10 ms max.
Insulation resistance (see note 3)
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
4,000 VAC, 50/60 Hz for 1 min. between coil and contacts
750 VAC, 50/60 Hz for 1 min. between contacts of same polarity
Impulse withstand voltage
10,000 V (1.2 x 50
μs) between coil and contacts
Vibration resistance
Destruction:
Malfunction:
10 to 55 Hz, 1.5-mm double amplitude
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction:
Malfunction:
1,000 m/s2 (approx. 100 G)
100 m/s2 (approx. 10 G)
Life expectancy
Mechanical:
5,000,000 operations min. (18,000 operations/hour)
Electrical:
200,000 operations minimum:
High-capacity
5 A at 125 VAC
3 A at 30 VDC
Standard
3 A at 125 VAC
3 A at 30 VDC
100,000 operations minimum:
High-capacity
5 A at 250 VAC
All electrical load ratings are resistive, with operation frequency = 1,800 operations/hour.
Minimum permissible load
(reference value) (see note 4)
5 VDC, 10 mA
Ambient temperature
Operating: –40
°C to 70°C (with no icing or condensation)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 4 g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com