Electronic Components Datasheet Search
  English  ▼

X  

G5Q Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G5Q
Description  PCB Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5Q Datasheet(HTML) 2 Page - Omron Electronics LLC

  G5Q Datasheet HTML 1Page - Omron Electronics LLC G5Q Datasheet HTML 2Page - Omron Electronics LLC G5Q Datasheet HTML 3Page - Omron Electronics LLC G5Q Datasheet HTML 4Page - Omron Electronics LLC G5Q Datasheet HTML 5Page - Omron Electronics LLC G5Q Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
146
PCB Relay
G5Q
■ Contact Ratings
■ Characteristics
Note: 1. The data shown above are initial values.
2. The contact resistance is measured with 1 A applied at 5 VDC using a fall-of-potential method.
3. The insulation resistance is measured between coil and contacts and between contacts of the same polarity at 500 VDC.
4. The electrical life data items shown are possible at 23
°C
Item
SPDT
SPST-NO
Rated load (resistive)
10 A at 125 VAC (NO)
3 A at 250 VAC (NO)
5 A at 30 VDC (NO)
3 A at 125 VAC (NC)
3 A at 30 VDC (NC)
10 A at 125 VAC
3 A at 250 VAC
5 A at 30 VDC
Contact material
Ag alloy
Rated carry current
10 A (NO)/3 A (NC)
Max. switching voltage
277 VAC, 30 VDC
Max. switching current
AC: 10 A (NO)/3 A (NC)
DC: 5 A (NO)/3 A (NC)
Max. switching capacity
1250 VA, 150 W (NO)
375 VA, 90 W (NC)
Min. permissible load
10 mA at 5 VDC (
P level:
λ
60 = 0.1 × 10
−6/operation)
Contact resistance (See note 2.)
100 m
Ω max.
Operate time
10 ms max.
Release time
5 ms max.
Insulation resistance (See note 3.)
1,000 m
Ω min.
Dielectric strength
4,000 VAC, 50/60 Hz for 1 min between coil and contacts
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
Impulse withstand voltage
8 kV (1.2
× 50 μs) between coil an contacts
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 1.5-mm double amplitude
Malfunction: 10 to 55 to 10 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1000 m/s2 (approx. 100G)
Malfunction: 100 m/s2 (approx. 10G)
Life expectancy (See Note 4)
Mechanical
10,000,000 operations (18,000 operations per hour)
Electrical
200,000 operations: 3 A (NO)/3 A (NC) at 125 VAC, resistive load
100,000 operations: 3 A (NO)/3 A (NC) at 250 VAC,
5 A (NO)/3 A (NC) at 30 VDC, resistive load
50,000 operations:
10 A at 125 VAC (900 operations per hour)
Ambient temperature
Operating &
storage
−40°C to 105°C (-40°F to 221°F) with no icing or condensation
Ambient humidity
Operating &
storage
5% to 85%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com