Electronic Components Datasheet Search
  English  ▼

X  

G6B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6B
Description  Power PCB Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6B Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6B Datasheet HTML 1Page - Omron Electronics LLC G6B Datasheet HTML 2Page - Omron Electronics LLC G6B Datasheet HTML 3Page - Omron Electronics LLC G6B Datasheet HTML 4Page - Omron Electronics LLC G6B Datasheet HTML 5Page - Omron Electronics LLC G6B Datasheet HTML 6Page - Omron Electronics LLC G6B Datasheet HTML 7Page - Omron Electronics LLC G6B Datasheet HTML 8Page - Omron Electronics LLC G6B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Power PCB Relay
G6B
151
Non-latching, Double Pole
Single Coil Latching
Dual Coil Latching
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
■ Characteristics
Note: The data shown above are initial values.
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Pick-up voltage
Dropout voltage
Max. voltage
Power
consumption
(mW)
% of rated voltage
5
60
83.30
80% max.
10% min.
140% max.@ 23
°C
Approx. 300
6
50
120
12
25
480
24
12.50
1,920
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set pick-up
voltage
Reset pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Armature OFF
Armature ON
% of rated voltage
5
40
125
0.28
0.26
70% max.
70% max.
160% max.
at 23
°C
Approx. 200
6
33.30
180
0.31
0.28
12
16.70
720
1.2
1.10
24
8.30
2,880
4.9
4.10
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Armature OFF
Armature ON
% of rated voltage
5
56
89.20
0.15
0.15
70% max.
70% max.
130% max.
at 23°C
Approx. 280
6
46.80
128.50
0.18
0.18
12
23.30
515
0.52
0.52
24
11.70
2,060
1.20
1.20
Contact resistance
30 m
Ω max.
Operate (set) time
10 ms max. (mean value: 1-pole approx. 3 ms, 2-pole approx. 4 ms)
Release (reset) time
Non-latching
10 ms max. (mean value: 1-pole approx. 1 ms, 2-pole approx. 2 ms)
Latching
10 ms max. (mean value: approx. 3 ms)
Min. set/reset signal width
Latching type: 15 ms min. (at 23
°C)
Max. operating
frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC, at 250 VDC between set coil and reset coil)
Dielectric strength
3,000 VAC (Latching types: 2,000 VAC), 50/60 Hz for 1 min between coil and contacts
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
250 VAC, 50/60 Hz for 1 min between set and reset coils
2,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
Vibration resistance
Mechanical durability
10 to 55 Hz, 1.5-mm double amplitude
Malfunction durability
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Mechanical durability
1,000 m/s2 (Approx 100G)
Malfunction durability
Single-side stable: 100 m/s2 (Approx 10G); Latching: 300 m/s2 (Approx 30G)
Service Life
Mechanical
50,000,000 operations min. (at 18,000 operations/hr)
Electrical
100,000 operation min. (at 1,800 operations/hr)
Ambient temperature
Operating:
−25°C to 70°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Weight
Double-winding latching:
Approx. 3.7 g
High-capacity:
Approx. 4.6 g
Double pole:
Approx. 4.5 g
Other:
Approx. 3.5 g



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com