Electronic Components Datasheet Search
  English  ▼

X  

2N2955 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N2955
Description  SILICON PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N2955 Datasheet(HTML) 2 Page - Unisonic Technologies

  2N2955 Datasheet HTML 1Page - Unisonic Technologies 2N2955 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC2N2955
SILICON PNP TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R205-004,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Base-Emitter On Voltage
VBE(on)
Ic=4A,VCE=4V
1.5
V
SECOND BREAKDOWN
Second Breakdown Collector with
Base Forward Biased
Is/b
VCE=60V,T=1.0s, Non-repetitive 2.87
A
DYNAMIC CHARACTERISTICS
Current Gain-Bandwidth Product
fT
Ic=0.5A,VCE=10V,f=1MHz
2.5
MHz
Small-Signal Current Gain
hFE
Ic=1A,VCE=4V,f=1kHz
15
120
Small-Signal Current Gain
Cut-off Frequency
fHFE
Ic=1A,VCE=4V
F=1.0kHz
10
kHz
Note(1):Pulse Test: Puls Width<=300
µs, Duty Cycle<=2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com