Electronic Components Datasheet Search
  English  ▼

X  

UTC2SA928A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTC2SA928A
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC2SA928A Datasheet(HTML) 2 Page - Unisonic Technologies

  UTC2SA928A Datasheet HTML 1Page - Unisonic Technologies UTC2SA928A Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC 2SA928A
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R211-009,A
TYPICAL CHARACTERISTIC CURVES
0
-2-4-6
-8 -10 -12 -14
-16
0
-200
-400
-600
-800
-1000
-1200
-1400
IB=-7mA
IB=-6mA
IB=-5mA
IB=-4mA
IB=-3mA
IB=-2mA
IB=-1mA
VCE(V),COLLECTOR-EMITTER VOLTAGE
FIG.1 STATIC
CHARACTERISTIC
0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2
0
-200
-400
-600
-800
-1000
-1200
-1400
VBE(V),BASE-EMITTER VOLTAGE
FIG.2 BASE-EMITTER ON VLOTAGE
-1.4
VCE=-2V
-1
-3
-10 -30 -100 -300 -1000
-3000
10
30
50
100
300
500
1000
Ic(mA),COLLECTOR CURRENT
FIG.3 DC CURRENT GAIN
VCE=-2V
-1 -3
-10 -30 -100 -300 -1000
-3000
-0.01
-0.03
-0.05
-0.1
-0.3
-0.5
-1
Ic(mA),COLLECTOR CURRENT
FIG.4 COLLECTOR-EMITTER SATURATION VOLTAGE
Ic=50lB
Ta=25°C
-3
0
20
40
60
80 100 120 140
160
0
0.2
0.4
0.6
0.8
1.0
1.2
Ta(°C),AMBIENT TEMPERATURE
FIG.5 POWER DERATING
-0.3
-0.01
VCE(V), COLLECTOR EMITTER VOLTAGE
FIG.6 SAFE OPERATING AREA
-0.5 -1
-0.1
-3 -5 -10
-30
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
-50 -100
Ic(MAX)
Ic(MAX) PULSE
Ta=25°C
D.C
OPERATION
1s
1ms
VCEO MAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com