Electronic Components Datasheet Search
  English  ▼

X  

UTC2SB772 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTC2SB772
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC2SB772 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTC2SB772 Datasheet HTML 1Page - Unisonic Technologies UTC2SB772 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC2SB772
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R204-002,A
MEDIUM POWER LOW VOLTAGE
TRANSISTOR
DESCRIPTION
The UTC 2SB772 is a medium power low voltage
transistor, designed for audio power amplifier, DC-DC
converter and voltage regulator.
FEATURES
*High current output up to 3A
*Low saturation voltage
*Complement to 2SD882
TO-126
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Dissipation( Tc=25
°C)
Pc
10
W
Collector Dissipation( Ta=25
°C)
Pc
1
W
Collector Current(DC)
Ic
-3
A
Collector Current(PULSE)
Ic
-7
A
Base Current
IB
-0.6
A
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-Off Current
ICBO
VCB=-30V,IE=0
-1000
nA
Emitter Cut-Off Current
IEBO
VEB=-3V,Ic=0
-1000
nA
DC Current Gain(note 1)
hFE1
hFE2
VCE=-2V,Ic=-20mA
VCE=-2V,Ic=-1A
30
100
200
150
400
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=-2A,IB=-0.2A
-0.3
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
Ic=-2A,IB=-0.2A
-1.0
-2.0
V
Current Gain Bandwidth Product
fT
VCE=-5V,Ic=-0.1A
80
MHz
Output Capacitance
Cob
VCB=-10V,IE=0,f=1MHz
45
pF
Note 1:Pulse test:PW<300
µs,Duty Cycle<2%


Similar Part No. - UTC2SB772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SB772NL UTC-UTC2SB772NL Datasheet
58Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
UTC2SB772S UTC-UTC2SB772S Datasheet
24Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results

Similar Description - UTC2SB772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD882S UTC-2SD882S Datasheet
75Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS UTC-B772SS Datasheet
55Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB1188 UTC-2SB1188 Datasheet
54Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SD882 UTC-2SD882_05 Datasheet
58Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772L UTC-2SB772L Datasheet
78Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
XL1225 UTC-XL1225 Datasheet
69Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772S UTC-2SB772S Datasheet
262Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS UTC-B772SS_09 Datasheet
185Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB1182 UTC-2SB1182 Datasheet
166Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
XL1225 UTC-XL1225_11 Datasheet
198Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com