Electronic Components Datasheet Search
  English  ▼

X  

PSB53 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSB53
Description  Single Phase Rectifier Bridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSB53 Datasheet(HTML) 1 Page - Powersem GmbH

  PSB53 Datasheet HTML 1Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Single Phase
PSB 53
I
dAV
= 54 A
Rectifier Bridge
V
RRM
= 600-1600 V
Features
•
Package with DCB ceramic base plate
•
Isolation voltage 3000 V
∼
•
Planar glass passivated chips
•
Low forward voltage drop
•
Leads suitable for PC board
soldering
•
UL registered, E 148688
Applications
•
Supplies for DC power equipment
•
Input rectifier for PWM inverter
•
Battery DC power supplies
•
Field supply for DC motors
Advantages
•
Easy to mount with two screws
•
Space and weight savings
•
Improved temperature and power
cycling capability
•
High power density
•
Small and light weight
Package style and outline
Dimensions in mm (1mm = 0.0394“)
Data according to IEC 60747 refer to a single diode unless otherwise stated
*- for resistive load at bridge output
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2006 POWERSEM reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Characteristic Value
I
R
V
R = VRRM, TVJ = TVJM
≤
3.0
mA
V
R = VRRM, TVJ = 25°C
≤
0.5
mA
V
F
I
F = 55 A,
T
VJ = 25 °C
≤
1.46
V
V
TO
For power-loss calculations only
0.8
V
r
T
13
m
Ω
R
thJC
per diode; DC
1.1
K/W
per module
0.28
K/W
R
thJK
per diode; DC
1.6
K/W
per module
0.4
K/W
d
s
Creeping distance on surface
11.2
mm
d
A
Creeping distance in air
9.7
mm
a
Max. allowable acceleration
50
m/s²
Symbol
Test Conditions
Maximum Ratings
I*
dAV
T
C = 100 °C, (per module)
54
A
I
FSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
300
A
V
R = 0
t = 8.3 ms (60 Hz), sine
320
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
260
A
V
R = 0
t = 8.3 ms (60 Hz), sine
280
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
450
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
425
A²s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
340
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
325
A²s
T
VJ
-40... + 150
°C
T
VJM
150
°C
T
stg
-40... + 125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V
∼
I
ISOL ≤ 1 mA
t = 1 s
3000
V
∼
M
d
Mounting torque
(M4)
1.5 - 1.8
Nm
14 - 16
lb.in.
Weight
typ.
10
g
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
700
600 PSB 53/06
900
800 PSB 53/08
1300 1200 PSB 53/12
1500 1400 PSB 53/14
1700 1600 PSB 53/16
Preliminary Data Sheet
SLIM-PACTM
~
A
K
~N
-
+
47+0,2
-0,2
39
R0,75


Similar Part No. - PSB53

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB50 POWERSEM-PSB50 Datasheet
119Kb / 1P
Single Phase Rectifier Bridges
logo
PREMO CORPORATION S.L
PSB5028 PREMO-PSB5028 Datasheet
147Kb / 9P
SMD Power Inductors Shielded
PSB5028-100N PREMO-PSB5028-100N Datasheet
147Kb / 9P
SMD Power Inductors Shielded
PSB5028-101N PREMO-PSB5028-101N Datasheet
147Kb / 9P
SMD Power Inductors Shielded
PSB5028-150N PREMO-PSB5028-150N Datasheet
147Kb / 9P
SMD Power Inductors Shielded
More results

Similar Description - PSB53

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com