Electronic Components Datasheet Search
  English  ▼

X  

PSB83 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSB83
Description  Single Phase Rectifier Bridges
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSB83 Datasheet(HTML) 2 Page - Powersem GmbH

  PSB83 Datasheet HTML 1Page - Powersem GmbH PSB83 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
0.5
1.0
1.5
2.0
0
T= 25°C
vj
T = 150°C
vj
V (V)
F
50
100
150
200
Forward current versus
voltage drop per diode
Surge overload current
per diode
IFSM: Crest value t: duration
0.4
0.6
0.8
1
1.2
1.4
1.6
10
0
10
1
10
2
10
3
t[ms]
I
(A)
FSM
TVJ=45°C
TVJ=150°C
550
500
I
------
IFSM
F(OV)
0 VRRM
1/2 VRRM
1 VRRM
50
100
150
200
DC
sin.180°
rec.120°
rec.60°
rec.30°
T (°C)
C
IdAV
[A]
100
120
80
60
40
20
0
Maximum forward current
at case temperature
Transient thermal impedance per diode
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
K/W
Zth
t[s]
Z thJK
Z thJC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com