Electronic Components Datasheet Search
  English  ▼

X  

UTC31002 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTC31002
Description  TELEPHONE TONE RINGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC31002 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTC31002 Datasheet HTML 1Page - Unisonic Technologies UTC31002 Datasheet HTML 2Page - Unisonic Technologies UTC31002 Datasheet HTML 3Page - Unisonic Technologies UTC31002 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UTC31002A
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
C:RSL=13K
B:RSL=6.8K
A:RSL=5K
34
30
26
22
18
14
10
6
2
34
30
26
22
18
14
10
6
2
Vcc(V),Supply voltage
34
30
26
22
18
14
10
6
2
34
30
26
22
18
14
10
6
2
Vcc(V),Supply voltage
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
Circuit Current-Supply Voltage
(No Load)
Supply Current Vs. Supply Voltage
(No Load)
Fig.2
Fig. 3
APPLICATION CIRCUIT
TIP
RING
C1
0.9
µF
SP
2
1
3
4
8
7
6
5
R1
560
Ω
C4
22
µF/35V
D1
29V
R2
165k+-1%
C2
0.47
µF+-5%
5.6k - 1 M
R3
191k+-1%
C3
6.9nF+-5%
15k
1300:8
Ω
C5 0.22
µF
10k
UTC
31002A
Fig.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com