Electronic Components Datasheet Search
  English  ▼

X  

G6M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6M
Description  PCB Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6M Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6M Datasheet HTML 1Page - Omron Electronics LLC G6M Datasheet HTML 2Page - Omron Electronics LLC G6M Datasheet HTML 3Page - Omron Electronics LLC G6M Datasheet HTML 4Page - Omron Electronics LLC G6M Datasheet HTML 5Page - Omron Electronics LLC G6M Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PCB Power Relay
G6M
111
PCB Power Relay
G6M
Slim, Miniature Relay, Capable of Relaying
Programmable Controller and Temperature
Controller Outputs
• Slim 5-mm width, and miniature size.
• Reduced mounting area ideal for high-density mounting.
• Highly efficient magnetic circuit for high sensitivity (40%
higher than the G6D, with power consumption of 120 mW).
• Satisfies EN61131-2 and EN61010 requirements.
• SIL (single-in-line) terminal pitch.
• UL recognized / CSA certified. VDE approval pending.
• RoHS Compliant.
Ordering Information
Note: When ordering, add the rated coil voltage to the model number.
Model Number Legend
1. Number of Poles
1:
1 pole
2. Contact Form
A:
SPST-NO
3. Rated Coil Voltage
5, 12, 24 VDC
Specifications
■ Coil Ratings
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum allowable voltage is the maximum possible value of the voltage that can be applied to the relay coil. It is not the maximum
voltage that can be applied continuously.
4. The must operate voltage is 72% or less of the rated voltage if the relay is mounted vertically and the terminals are pointed downwards.
Classification
Contact form
Enclosure ratings
Model
Standard
SPST-NO
Fully sealed
G6M-1A
Rated coil voltage
Example: G6M-1A DC12
G6M -
- DC
1
2
3
Rated voltage
5 VDC
12 VDC
24 VDC
Rated current
24 mA
10 mA
5 mA
Coil resistance
208
Ω
1,200
Ω
4,800
Ω
Must operate voltage
75% max. of rated voltage
Must release voltage
5% min. of rated voltage
Max. voltage
160% of rated voltage (at 23
°C)
Power consumption
Approx. 120 mW


Similar Part No. - G6M

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G6M GULFSEMI-G6M Datasheet
835Kb / 2P
MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6M OMRON-G6M Datasheet
350Kb / 3P
PCB Power Relay
logo
VoltarisTech Inc
G6M VOLTARISTECH-G6M Datasheet
348Kb / 2P
MINIATURE GLASS PASSIVATED RECTIFIER
Rev.A5
logo
Omron Electronics LLC
G6M-1A-DC24 OMRON-G6M-1A-DC24 Datasheet
350Kb / 3P
PCB Power Relay
G6M-1A-DC5 OMRON-G6M-1A-DC5 Datasheet
367Kb / 6P
Slim, Miniature Relay, Capable of Relaying Programmable Controller
More results

Similar Description - G6M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com