Electronic Components Datasheet Search
  English  ▼

X  

G6RN Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6RN
Description  Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6RN Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6RN Datasheet HTML 1Page - Omron Electronics LLC G6RN Datasheet HTML 2Page - Omron Electronics LLC G6RN Datasheet HTML 3Page - Omron Electronics LLC G6RN Datasheet HTML 4Page - Omron Electronics LLC G6RN Datasheet HTML 5Page - Omron Electronics LLC G6RN Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Power Relay
G6RN
141
Power Relay
G6RN
Heavy-duty Miniature Relay
• Incorporates environmentally-friendly,
cadmium-free contacts.
• Variety of contact forms: SPDT or SPST-NO (continuous
current rating: 8 A).
• Low profile (0.39 W x 1.12 L x 0.59 H inches)
• High dielectric strength of 4 kV with 8 mm creepage/
clearance.
• Sealed plastic construction.
• Ideal for switching contactors, solenoids and motors.
• RoHS Compliant.
R
C VDE
X
Ordering Information
.
■ Model Number Legend
1. Number of Poles
1:
1 pole
2. Contact Form
None: SPDT
A:
SPST-NO
3. Rated Coil Voltage
5, 12, 24, 48
Specifications
■ Coil Ratings
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
Classification
Structure
Contact material
Contact form
SPST-NO
SPDT
Standard
Plastic-sealed
Ag-Alloy + gold plating
G6RN-1A
G6RN-1
Rated coil voltage
Note: When ordering, add the rated coil voltage to the model number.
Example: G6RN-1A DC24
G6RN-
@@- DC@
1
2
3
Rated voltage
5 VDC
12 VDC
24 VDC
48 VDC
Rated current
43.9 mA
18.3 mA
9.2 mA
5.2 mA
Coil resistance
114
Ω
655
Ω
2,620
Ω
9,210
Ω
Must operate voltage
70% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
110% of rated voltage
Power consumption
Approx. 220 mW
Approx. 250 mW


Similar Part No. - G6RN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6RN OMRON-G6RN Datasheet
393Kb / 6P
Power Relay
G6RN-1 OMRON-G6RN-1 Datasheet
393Kb / 6P
Power Relay
G6RN-1 OMRON-G6RN-1 Datasheet
393Kb / 6P
Heavy-duty Miniature Relay
G6RN-1A OMRON-G6RN-1A Datasheet
393Kb / 6P
Power Relay
G6RN-1A OMRON-G6RN-1A Datasheet
393Kb / 6P
Heavy-duty Miniature Relay
More results

Similar Description - G6RN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
Power Relay
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
POWER RELAY
logo
CUI INC
PR5 CUI-PR5 Datasheet
448Kb / 4P
POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
POWER RELAY
08/15/2022
PR19 CUI-PR19 Datasheet
446Kb / 5P
POWER RELAY
08/09/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com