Electronic Components Datasheet Search
  English  ▼

X  

G7J Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G7J
Description  General Purpose Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7J Datasheet(HTML) 5 Page - Omron Electronics LLC

  G7J Datasheet HTML 1Page - Omron Electronics LLC G7J Datasheet HTML 2Page - Omron Electronics LLC G7J Datasheet HTML 3Page - Omron Electronics LLC G7J Datasheet HTML 4Page - Omron Electronics LLC G7J Datasheet HTML 5Page - Omron Electronics LLC G7J Datasheet HTML 6Page - Omron Electronics LLC G7J Datasheet HTML 7Page - Omron Electronics LLC G7J Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
General Purpose Relay
G7J
303
■ Approvals
Note: 1. The rated values approved by each of the safety standards may be different from the performance characteristics individually defined in this catalog.
2. In the interest of product improvement, specifications are subject to change without notice.
UL Recognized (File No. E41643) / CSA Certified (File No. LR 35535) - - Ambient Temp = 40
°C
Note: *These ratings are bifurcated contact ratings.
Coil ratings
Contact ratings
Number of test
operations
24 to 265 VAC
6 to 110 VDC
NO contact
25 A 277 VAC, Resistive
30,000
25 A 120 VAC, General Use
25 A 277 VAC, General Use
25 A 240 VAC, General Use
100,000
1.5 kW 120 VAC, Tungsten
6,000
1.5 hp 120 VAC
3 hp 240/265/277 VAC
3-phase 3 hp 240/265/277 VAC
30,000
3-phase 5 hp 240/265/277 VAC
20FLA/120LRA 120 VAC
17FLA/102LRA 277 VAC
TV-10 120 VAC
25,000
25 A 30 VDC, Resistive
30,000
*1 A 277 VAC, General Use
6,000
NC contact
8 A 277 VAC, Resistive
30,000
8 A 120 VAC, General Use
8 A 277 VAC, General Use
8 A 30 VDC, Resistive
*1 A 277 VAC, General Use
6,000
35
±0.1
24
44
4.4
30
7
9
29
35
14
24
34
44
A2
A1
A2
A1
A2
A1
43
42
41
42
41
33
34
33
32
31
23
24
23
24
23
13
14
13
14
13
28
Terminal Arrangement/Internal Connections
Accessories (Order Separately)
R99-04 W-bracket (for G5F)
G7J-4A-P
G7J-4A-B
G7J-4A-T
G7J-3A1B-P
G7J-3A1B-B
G7J-3A1B-T
G7J-2A2B-P
G7J-2A2B-B
G7J-2A2B-T
The coil has no polarity.
Two, 4.5 dia.
Note: Terminals 43 and 44 of the
G7J-4A-P(T) and contacts
41 and 42 of the
G7J-3A1B-P(B) are
bifurcated contacts.
Mounting Holes
Two, 4.5 dia. or M4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com